Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7089 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APW7089
Description  4A, 26V, 380kHz, Asynchronous Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7089 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APW7089 Datasheet HTML 10Page - Anpec Electronics Coropration APW7089 Datasheet HTML 11Page - Anpec Electronics Coropration APW7089 Datasheet HTML 12Page - Anpec Electronics Coropration APW7089 Datasheet HTML 13Page - Anpec Electronics Coropration APW7089 Datasheet HTML 14Page - Anpec Electronics Coropration APW7089 Datasheet HTML 15Page - Anpec Electronics Coropration APW7089 Datasheet HTML 16Page - Anpec Electronics Coropration APW7089 Datasheet HTML 17Page - Anpec Electronics Coropration APW7089 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jan., 2012
APW7089
www.anpec.com.tw
14
Typical Application Circuit (Cont.)
4. +12V Single Power Input Step-down Converter (with Electrolytic Input/Output Capacitors)
5. -8V Inverting Converter with 4.5~5.5V Single Power Input
R2
15k
1%
LX
EN
2
VIN
1
GND
8
COMP
6
9
U1
APW7089
FB
7
UGND
3
VOUT
+3.3V/4A
L1
10
µH
4A
D1
VCC
4
C3
1
µF
C2
1
µF
VIN
+12V
C1
2.2
µF
C5
4700pF
R4
56k
C6
22pF
C4
470
µF
R1
47k
Ω
1%
R5
100k
Ω
VIN
C8
470
µF
C7
33pF
LX
5
(ESR=30m
Ω)
LX
EN
2
VIN
1
GND
8
COMP
6
9
U1
APW7089
UGND
3
L1
6.8
µH
4A
D1
VCC
4
C3
1
µF
C2
1
µF
VIN
4.5~5.5V
C1
10
µF
C5
560pF
R4
39k
Ω
C6
22pF
C4
22
µF
R5
100k
Ω
LX
5
R2
10k
Ω
FB
7
R1
90.9k
Ω
C7
27pF
PGND
AGND
VOUT
-8V/4A
C8
1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com