Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7089 Datasheet(PDF) 21 Page - Anpec Electronics Coropration

Part # APW7089
Description  4A, 26V, 380kHz, Asynchronous Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7089 Datasheet(HTML) 21 Page - Anpec Electronics Coropration

Back Button APW7089 Datasheet HTML 16Page - Anpec Electronics Coropration APW7089 Datasheet HTML 17Page - Anpec Electronics Coropration APW7089 Datasheet HTML 18Page - Anpec Electronics Coropration APW7089 Datasheet HTML 19Page - Anpec Electronics Coropration APW7089 Datasheet HTML 20Page - Anpec Electronics Coropration APW7089 Datasheet HTML 21Page - Anpec Electronics Coropration APW7089 Datasheet HTML 22Page - Anpec Electronics Coropration APW7089 Datasheet HTML 23Page - Anpec Electronics Coropration APW7089 Datasheet HTML 24Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jan., 2012
APW7089
www.anpec.com.tw
21
Carrier Tape & Reel Dimensions
A
A
B
P0
OD0
B
A0
P2
K0
SECTION B-B
SECTION A-A
OD1
P1
T1
d
Application
A
H
T1
C
d
D
W
E1
F
330.0±
2.00
50 MIN.
12.4+2.00
-0.00
13.0+0.50
-0.20
1.5 MIN.
20.2 MIN.
12.0±
0.30
1.75±
0.10
5.5±
0.05
P0
P1
P2
D0
D1
T
A0
B0
K0
SOP- 8P
4.0±
0.10
8.0±
0.10
2.0±
0.05
1.5+0.10
-0.00
1.5 MIN.
0.6+0.00
-0.40
6.40±
0.20
5.20±
0.20
2.10±
0.20
(mm)
Package Type
Unit
Quantity
SOP- 8P
Tape & Reel
2500
Devices Per Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com