Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7089 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7089
Description  4A, 26V, 380kHz, Asynchronous Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7089 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7089 Datasheet HTML 1Page - Anpec Electronics Coropration APW7089 Datasheet HTML 2Page - Anpec Electronics Coropration APW7089 Datasheet HTML 3Page - Anpec Electronics Coropration APW7089 Datasheet HTML 4Page - Anpec Electronics Coropration APW7089 Datasheet HTML 5Page - Anpec Electronics Coropration APW7089 Datasheet HTML 6Page - Anpec Electronics Coropration APW7089 Datasheet HTML 7Page - Anpec Electronics Coropration APW7089 Datasheet HTML 8Page - Anpec Electronics Coropration APW7089 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jan., 2012
APW7089
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
APW7089
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
POWER-ON-RESET (POR) AND LOCKOUT VOLTAGE THRESHOLDS
VCC POR Voltage Threshold
VCC rising
3.7
3.9
4.1
V
VCC POR Hysteresis
-
0.15
-
V
EN Lockout Voltage Threshold
VEN rising
2.3
2.5
2.7
V
EN Lockout Hysteresis
-
0.2
-
V
VIN-to-UGND Lockout Voltage
Threshold
VVIN-UGND rising
-
3.5
-
V
VIN-to-UGND Lockout Hysteresis
-
0.2
-
V
REFERENCE VOLTAGE
VREF
Reference Voltage
-
0.8
-
V
TJ = 25
oC, I
OUT=0A, VIN=12V
-1.0
-
+1.0
Output Voltage Accuracy
TJ = -40 ~ 125
oC, I
OUT = 0 ~ 4A,
VIN = 4.5 ~ 26V
-2.5
-
+2.5
%
Line Regulation
VIN = 4.5V to 26V, IOUT = 0A
-
0.36
-
%
Load Regulation
IOUT = 0 ~ 4A
-
0.4
-
%
OSCILLATOR AND DUTY
FOSC
Free Running Frequency
VIN = 4.5 ~ 26V
340
380
420
kHz
Foldback Frequency
VFB = 0V
-
80
-
kHz
Maximum Converter’s Duty Cycle
-
93
-
%
Minimum Pulse Width of LX
VIN = 4.5 ~ 26V
-
200
-
ns
CURRENT-MODE PWM CONVERTER
Gm
Error Amplifier Transconductance
-
400
-
µA/V
Error Amplifier DC Gain
COMP = Open
60
80
-
dB
Current-Sense Resistance
-
0.12
-
Ω
P-channel Power MOSFET
Resistance
Between VIN and Exposed Pad,
TJ=25
oC
-
80
100
m
Ω
PROTECTIONS
ILIM
P-channel Power MOSFET
Current-limit
Peak Current
5.0
6.5
8.0
A
VUV
FB Under-Voltage Threshold
VFB falling
66
70
74
%
FB Under-Voltage Hysteresis
-
40
-
mV
FB Under-Voltage Debounce
-
2
-
µs
TOTP
Over-Temperature Trip Point
-
150
-
oC
Over-Temperature Hysteresis
-
50
-
oC
SOFT-START, ENABLE, AND INPUT CURRENTS
tSS
Soft-Start Interval
9
10.8
12
ms
Preceding Delay before Soft-Start
9
10.8
12
ms
EN Logic Low Voltage
VEN falling, VIN = 4 ~ 26V
-
-
0.8
V
Refer to the typical application circuits. These specifications apply over V
IN=12V, VOUT=3.3V and TA= -40 ~ 85
oC, unless
otherwise specified. V
CC is regulated by an internal regulator. Typical values are at TA=25
oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com