Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECK-TFC221KB Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECK-TFC221KB
Description  Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECK-TFC221KB Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECK-TFC221KB Datasheet HTML 1Page - Panasonic Semiconductor ECK-TFC221KB Datasheet HTML 2Page - Panasonic Semiconductor ECK-TFC221KB Datasheet HTML 3Page - Panasonic Semiconductor ECK-TFC221KB Datasheet HTML 4Page - Panasonic Semiconductor ECK-TFC221KB Datasheet HTML 5Page - Panasonic Semiconductor ECK-TFC221KB Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
■ Related Standards and Certificate Number
250 VAC
Rated
Voltage
Type BC
Type FC
Type HC
----------
P11214054
Issuing
certification
now
FI 26770
1025267
E62674
E62674
1500 VAC
Y2
----------
-------------
CAN/CSA –E60384-14
HC:
-25 ~ 125℃
BC/FC:
-25 ~ 100℃
HC:
4000 VAC
BC/FC:
1500 VAC
HC:Y1
BC/FC:Y2
E62674
E62674
UL60384-14
UL(USA)
SU03013-
3001
--------------
K60384-14
KTL(Korea)
P01100665
P01101830
P11213874
NEMKO(Norway)
310914-01
310698-01
D-00043
DEMKO(Denmark)
FI 16588A1
FI 17348A2
FI 26683
FIMKO(Finland)
HC:
4000 VAC
BC/FC:
1500 VAC
HC:Y1
BC/FC:Y2
806189
1025027
EN60384-14 2005
SEMKO(Sweden)
Operating
Temperature
Range
Dielectric
Withstanding
Voltage
Sub-Class
Certificate Number
Related Standard
Certification Body
■ Ratings and Characteristics
470
ECKTHC471KB
220
ECKTHC221KB
B/Y5P
±10 %
100
ECKTHC101KB
6.8L×4.5W×2.5H
±20 %
100
ECKTHC101MB
Type HC
470
ECKTHC471MB
220
ECKTHC221MB
Dimensions in mm
Temp. Char
Cap. Tolerance
Capacitance (pF)
Part Number
Type Name
Notes ✻ Other capacitance values are available by special order.
Ceramic Capacitors (Safety Regulation SMD)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
2200
ECKTFC222MF
F/Y5V
1500
ECKTFC152MF
E/Y5U
±20 %
1000
ECKTFC102ME
330
ECKTFC331KB
220
ECKTFC221KB
150
ECKTFC151KB
470
ECKTFC471KB
100
ECKTFC101KB
B/Y5P
±10 %
47
ECKTFC470KB
33
ECCTFC330JG
22
ECCTFC220JG
±5 %
15
ECCTFC150JG
5.7L×4.5W×2.3H
SL/GP
±0.5 pF
10
ECCTFC100DG
Type FC
68
ECCTBC680JG
2200
ECKTBC222ME
1500
ECKTBC152ME
E/Y5U
±20 %
1000
ECKTBC102ME
680
ECKTBC681KB
470
ECKTBC471KB
330
ECKTBC331KB
220
ECKTBC221KB
150
ECKTBC151KB
B/Y5P
±10 %
100
ECKTBC101KB
47
ECCTBC470JG
33
ECCTBC330JG
22
ECCTBC220JG
±5 %
15
ECCTBC150JG
7.1L×6.3W×2.5H
SL/GP
±0.5 pF
10
ECCTBC100DG
Type BC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com