Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECK-TFC221KB Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECK-TFC221KB
Description  Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECK-TFC221KB Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECK-TFC221KB Datasheet HTML 1Page - Panasonic Semiconductor ECK-TFC221KB Datasheet HTML 2Page - Panasonic Semiconductor ECK-TFC221KB Datasheet HTML 3Page - Panasonic Semiconductor ECK-TFC221KB Datasheet HTML 4Page - Panasonic Semiconductor ECK-TFC221KB Datasheet HTML 5Page - Panasonic Semiconductor ECK-TFC221KB Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
■ Typical Characteristics
● Temperature Characteristics
Char. SL/GP
(Temp.Coeff.:+350 to –1000 ppm/℃)
Char. B/Y5P
Temp.Range:–25 to 85 ℃
Max.Cap.Change:±10 %
Char. E/Y5U
()
Temp.Range:–25 to 85 ℃
max.Cap.Change:+20, –55 %
Char. F/Y5V
()
Temp. Range :–25 to 85 ℃
max.Cap.Change:+30, –80 %
● Impedance vs. Frequency Characteristics
Type BC
Type FC
Ceramic Capacitors (Safety Regulation SMD)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com