Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7145 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW7145
Description  3A, 12V, Synchronous-Rectified Buck Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7145 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW7145 Datasheet HTML 9Page - Anpec Electronics Coropration APW7145 Datasheet HTML 10Page - Anpec Electronics Coropration APW7145 Datasheet HTML 11Page - Anpec Electronics Coropration APW7145 Datasheet HTML 12Page - Anpec Electronics Coropration APW7145 Datasheet HTML 13Page - Anpec Electronics Coropration APW7145 Datasheet HTML 14Page - Anpec Electronics Coropration APW7145 Datasheet HTML 15Page - Anpec Electronics Coropration APW7145 Datasheet HTML 16Page - Anpec Electronics Coropration APW7145 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Mar., 2011
APW7145
www.anpec.com.tw
13
Function Description
VIN Power-On-Reset (POR)
The APW7145 keeps monitoring the voltage on the VIN
pin to prevent wrong logic operations which may occur
when VIN voltage is not high enough for the internal con-
trol circuitry to operate. The VIN POR has a rising thresh-
old of 4.1V (typical) with 0.5V of hysteresis.
During start-up, the VIN voltage must exceed the enable
voltage threshold. Then, the IC starts a start-up process
and ramps up the output voltage to the voltage target.
Digital Soft-Start
The APW7145 has a built-in digital soft-start to control the
rise rate of the output voltage and limit the input current
surge during start-up. During soft-start, an internal voltage
ramp (V
RAMP), connected to one of the positive inputs of
the error amplifier, rises up from 0V to 0.95V to replace the
reference voltage (0.8V) until the voltage ramp reaches
the reference voltage.
During soft-start without output over-voltage, the APW7145
converter’s sinking capability is disabled until the output
voltage reaches the voltage target.
Digital Soft-Stop
At the moment of shutdown controlled by EN signal, un-
der-voltage event, or over-temperature protection, the
APW7145 initiates a digital soft-stop process to discharge
the output voltage in the output capacitors. Certainly, the
load current also discharges the output voltage.
During soft-stop, the internal voltage ramp (V
RAMP) falls
down from 0.95V to 0V to replace the reference voltage.
Therefore, the output voltage falls down slowly at light load.
After the soft-stop interval elapses, the soft-stop process
ends and the the IC turns on the low-side power MOSFET.
Output Under-Voltage Protection (UVP)
In the operational process, if a short-circuit occurs, the
output voltage will drop quickly. Before the current-limit
circuit responds, the output voltage will fall out of the re-
quired regulation range. The under-voltage continually
monitors the FB voltage after soft-start is completed. If a
load step is strong enough to pull the output voltage lower
than the under-voltage threshold, the IC shuts down
converter’s output.
The under-voltage threshold is 50% of the nominal out-
put voltage. The undervoltage comparator has a built-in
2
µs noise filter to prevent the chips from wrong UVP shut-
down caused by noise. The under-voltage protection
works in a hiccup mode without latched shutdown. The
IC will initiate a new soft-start process at the end of the
preceding delay.
Over-Voltage Protection (OVP)
The over-voltage function monitors the output voltage by
FB pin. When the FB voltage increase over 123% of the
reference voltage due to the high-side MOSFET failure,
or for other reasons, the over-voltage protection compara-
tor will force the low-side MOSFET gate driver high. This
action actively pulls down the output voltage and eventu-
ally attempts to blow the internal bonding wires. As soon
as the output voltage is within regulation, the OVP com-
parator is disengaged. The chip will restore its normal
operation. This OVP scheme only clamps the voltage over-
shoot and does not invert the output voltage when other-
wise activated with a continuously high output from low-
side MOSFET driver - a common problem for OVP
schemes with a latch.
Over-Temperature Protection (OTP)
The over-temperature circuit limits the junction tempera-
ture of the APW7145. When the junction temperature ex-
ceeds T
J = +150
oC, a thermal sensor turns off the both
power MOSFETs, allowing the devices to cool. The ther-
mal sensor allows the converters to start a start-up pro-
cess and regulate the output voltage again after the junc-
tion temperature cools by 40oC. The OTP is designed
with a 40oC hysteresis to lower the average T
J during
continuous thermal overload conditions, increasing life-
time of the APW7145.
Enable/Shutdown
Driving EN to the ground initiates a soft-stop process
and then places the APW7145 in shutdown. When in
shutdown, after the soft-stop process is completed, the
internal power MOSFETs turns off, all internal circuitry
shuts down and the quiescent supply current reduces to
less than 3mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com