Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7145 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7145
Description  3A, 12V, Synchronous-Rectified Buck Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7145 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7145 Datasheet HTML 1Page - Anpec Electronics Coropration APW7145 Datasheet HTML 2Page - Anpec Electronics Coropration APW7145 Datasheet HTML 3Page - Anpec Electronics Coropration APW7145 Datasheet HTML 4Page - Anpec Electronics Coropration APW7145 Datasheet HTML 5Page - Anpec Electronics Coropration APW7145 Datasheet HTML 6Page - Anpec Electronics Coropration APW7145 Datasheet HTML 7Page - Anpec Electronics Coropration APW7145 Datasheet HTML 8Page - Anpec Electronics Coropration APW7145 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Mar., 2011
APW7145
www.anpec.com.tw
2
Ordering and Marking Information
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VIN
VIN Supply Voltage (VIN to AGND)
-0.3 ~ 15
V
> 100ns
-1 ~ VIN+1
VLX
LX to GND Voltage
< 100ns
- 5 ~ VIN+5
V
PGND to AGND Voltage
-0.3 ~ +0.3
V
EN to AGND Voltage
-0.3 ~ VIN+0.3
V
FB, COMP to AGND Voltage
-0.3 ~ 6
V
PD
Power Dissipation
Internally Limited
W
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Pin Configuration
The Pin 7 must be connected to the Exposed Pad
NC
VIN
AGND
FB
1
2
3
4
PGND
LX
EN
COMP
8
7
6
5
9
LX
APW7145
SOP-8P
(Top View)
DFN4x4-8
(Top View)
1
6
5
4
3
2
8
7
PGND
EN
LX
COMP
VIN
FB
NC
AGND
APW7145
APW7145
Package Code
KA : SOP-8P
QA: DFN4x4-8
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Handling Code
Temperature Range
Package Code
Assembly Material
APW7145 KA :
XXXXX - Date Code
APW7145
XXXXX
APW7145 QA :
APW7145
XXXXX
XXXXX - Date Code
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com