Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7158 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW7158
Description  Dual Synchronous Buck PWM Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7158 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW7158 Datasheet HTML 9Page - Anpec Electronics Coropration APW7158 Datasheet HTML 10Page - Anpec Electronics Coropration APW7158 Datasheet HTML 11Page - Anpec Electronics Coropration APW7158 Datasheet HTML 12Page - Anpec Electronics Coropration APW7158 Datasheet HTML 13Page - Anpec Electronics Coropration APW7158 Datasheet HTML 14Page - Anpec Electronics Coropration APW7158 Datasheet HTML 15Page - Anpec Electronics Coropration APW7158 Datasheet HTML 16Page - Anpec Electronics Coropration APW7158 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug., 2009
APW7158
www.anpec.com.tw
13
Typical Application Circuit
VCC
VCC12
VREF
COMP1
FB1
COMP2
FB2
REFIN
REFOUT
VREF
FS/SYNC
SS1/EN1
SS2/EN2
GND
PGND
LGATE2
UGATE2
BOOT2
LGATE1
UGATE1
BOOT1
APW7158
VCC12
300
Ω
300
Ω
5.1
Ω
R3
R1
12V
R2
C6 22nF
C13 5.6nF
12V
R4 8.2k
Ω
C9 33nF
R7 12k
Ω
R6 1k
Ω
R5
1.1k
Ω
C16 5.6nF
R9 12k
Ω
R10 8.2k
Ω
R11 1k
Ω
R16 0
Ω
R13
360k
Ω
C15 33nF
C17 22nF
VCC12
C27
0.1
µF
C18
0.1
µF
C21
1
µF
C19
0.1
µF
C20
0.1
µF
C24
0.1
µF
C25
0.1
µF
C1
10
µF
MLCC
C2
10
µF
MLCC
C3
2200
µF
ALE
C4
2200
µF
ALE
C14
2200
µF
C8
0.1
µF
C10
1
µF
C26
0.1
µF
C22
10
µF
MLCC
C23
10
µF
MLCC
C7
1
µF
C5
1
µF
C11
2200
µF
ALE
C12
2200
µF
ALE
R8
2.2
Ω
R14
2.2
Ω
C28
2200
µF
C29
1
µF
C31
2200
µF
ALE
C30
2200
µF
ALE
D1
BAT54A
D2
BAT54A
Q1
APM2510N
Q2
APM2566N
Q3
APM2510N
Q4
APM2566N
D3
BSCD24
D4
BSCD24
12V_FLTR
12V_FLTR
L1 1
µH
L2 7.3
µH
L3 7.3
µΗ
R12
NC
R17
NC
R15
NC
V
OUT1
V
OUT2
V
OUT1
5V
V
OUT2
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com