Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7158 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7158
Description  Dual Synchronous Buck PWM Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7158 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7158 Datasheet HTML 1Page - Anpec Electronics Coropration APW7158 Datasheet HTML 2Page - Anpec Electronics Coropration APW7158 Datasheet HTML 3Page - Anpec Electronics Coropration APW7158 Datasheet HTML 4Page - Anpec Electronics Coropration APW7158 Datasheet HTML 5Page - Anpec Electronics Coropration APW7158 Datasheet HTML 6Page - Anpec Electronics Coropration APW7158 Datasheet HTML 7Page - Anpec Electronics Coropration APW7158 Datasheet HTML 8Page - Anpec Electronics Coropration APW7158 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug., 2009
APW7158
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
VCC12
VCC12 to GND Voltage
-0.3 to 20
V
VCC, Separate Supply
VCC, Separate Supply to GND Voltage
-0.3 to 5.5
V
VUGATE1, VUGATE2, VBOOT1, VBOOT2
UGATE1, UGATE2, BOOT1, BOOT2 to PGND Voltage
-0.3 to 30
V
VLGATE1, VLGATE2
LGATE1, LGATE2 to GND Voltage
-0.3 to 20
V
VFS
FS to GND Voltage
-0.3 to 20
V
VREFIN, VREFOUT, VREF
REFIN, REFOUT, VREF to GND Voltage
-0.3 to VCC
V
VFB1, VCOMP1, VFB2, VCOMP2
FB1, COMP1, FB2, COMP2 to GND Voltage
-0.3 to VCC
V
VSS1/EN1, VSS2/EN2
SS1/EN1, SS2/EN2, to GND Voltage
-0.3 to VCC
V
PGND to GND Voltage
-0.3 to +0.3
V
TA
Operating Temperature Range
-20 to +70
oC
TJ
Maximum Junction Temperature
+150
oC
TSTG
Storage Temperature Range
-65 to +150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Ordering and Marking Information
Absolute Maximum Ratings (Note 1)
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
(Note 2)
SOP-20
75
oC/W
θ
JC
Junction-to-Case Resistance in Free Air
(Note 3)
SOP-20
20
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Note 3: The case temperature is measured at the center of the exposed pad on the underside of the SOP-20 package.
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Package Code
K : SOP-20
Operating Ambient Temperature Range
E : -20 to 70 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APW7158 K:
APW7158
XXXXX
XXXXX - Date Code
APW7158
Handling Code
Temperature Range
Package Code
Assembly Material



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com