Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7136BCITRG Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7136BCITRG
Description  1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7136BCITRG Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7136BCITRG Datasheet HTML 1Page - Anpec Electronics Coropration APW7136BCITRG Datasheet HTML 2Page - Anpec Electronics Coropration APW7136BCITRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7136BCITRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7136BCITRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7136BCITRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7136BCITRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7136BCITRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7136BCITRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Dec., 2010
APW7136A/B/C
www.anpec.com.tw
4
Typical Operating Characteristics
Efficiency vs. WLED Current
Efficiency vs. WLED Current
Efficiency vs. WLED Current
WLED Current vs. PWM Duty Cycle
Switch ON Resistance vs. Supply Voltage
WLED Current vs. Supply Voltage
(Refer to Figure 1 in the section “Typical Application Circuits,”V
IN=3.6V, TA=25
oC, 8WLEDs unless otherwise specified.)
WLED Current, I
LED (mA)
50
55
60
65
70
75
80
85
90
95
0
5
10
15
20
25
30
8 WLEDs
25.6V@20mA
η=P
OUT/PIN
V
IN=3.3V
V
IN=4.2V
V
IN=3.6V
V
IN=5V
≅
WLED Current, I
LED (mA)
0
5
10
15
20
25
30
50
55
60
65
70
75
80
85
90
95
V
IN=3.3V
V
IN=3.6V
V
IN=4.2V
V
IN=5V
6 WLEDs
19.3V@20mA
η=P
OUT/PIN
≅
Supply Voltage, V
IN (V)
4 WLEDs
13V@20mA
η=P
OUT/PIN
V
IN=3.3V
V
IN=3.6V
V
IN=4.2V
V
IN=5V
0
5
10
15
20
25
30
50
55
60
65
70
75
80
85
90
95
≅
PWM Duty Cycle (%)
0
20
40
60
80
100
0
2
4
6
8
10
12
14
16
18
20
100Hz
100KHz
1kHz
Supply Voltage, V
IN (V)
19.0
19.2
19.4
19.6
19.8
20.0
20.2
20.4
20.6
20.8
21.0
2.5
3
3.5
4
4.5
5
5.5
6
Supply Voltage, V
IN (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2.5
3
3.5
4
4.5
5
5.5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com