Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7136BCITRG Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7136BCITRG
Description  1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7136BCITRG Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7136BCITRG Datasheet HTML 1Page - Anpec Electronics Coropration APW7136BCITRG Datasheet HTML 2Page - Anpec Electronics Coropration APW7136BCITRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7136BCITRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7136BCITRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7136BCITRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7136BCITRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7136BCITRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7136BCITRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Dec., 2010
APW7136A/B/C
www.anpec.com.tw
5
Typical Operating Characteristics
Switching Frequency vs. Supply Voltage
Maximum Duty Cycle vs. Supply Voltage
(Refer to Figure 1 in the section “Typical Application Circuits,”V
IN=3.6V, TA=25
oC, 8WLEDs unless otherwise specified.)
Supply Voltage, V
IN (V)
2.5
3
3.5
4
4.5
5
5.5
6
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Supply Voltage, V
IN (V)
40
50
60
70
80
90
100
2.5
3
3.5
4
4.5
5
5.5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com