Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7199 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW7199
Description  High-Performance Step-Down PWM Controller with PFM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7199 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW7199 Datasheet HTML 9Page - Anpec Electronics Coropration APW7199 Datasheet HTML 10Page - Anpec Electronics Coropration APW7199 Datasheet HTML 11Page - Anpec Electronics Coropration APW7199 Datasheet HTML 12Page - Anpec Electronics Coropration APW7199 Datasheet HTML 13Page - Anpec Electronics Coropration APW7199 Datasheet HTML 14Page - Anpec Electronics Coropration APW7199 Datasheet HTML 15Page - Anpec Electronics Coropration APW7199 Datasheet HTML 16Page - Anpec Electronics Coropration APW7199 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Oct., 2010
APW7199
www.anpec.com.tw
13
Typical Application Circuit
EN/EXTREF
POK
VCC
GND
UGATE
BOOT
PHASE
LGATE/OCSET
VOUT
FB
R
POK
R
VCC
C
VCC
C
OUT
R
TOP
R
GND
Q1
Q2
L
OUT
C
BOOT
APW7199
C
IN
V
POK
V
IN
V
OUT=1.05V
100K
2.2
4.7
µF
11K, 1%
10K, 1%
C
FB-VOUT
10nF
150
µF x 2
1.5
µF
3V ~ 25V
10
µF x 2
0.1
µF
APM4826
APM4828
R
OCSET
3.24K, 1%
5V
Schottky
Diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com