Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7323KAI-TRG Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7323KAI-TRG
Description  3.2A, 5V, 1MHz Synchronous Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7323KAI-TRG Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7323KAI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2013
APW7323/A
www.anpec.com.tw
2
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Absolute Maximum Ratings (Note 1)
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability
Pin Configuration
VCC 1
POK 2
GND 3
FB 4
5 EN
6 PGND
7 LX
8 VIN
SOP-8P
(Top View)
Exposed Pad
(connected to GND plane for better heat dissipation
Exposed Pad
(connected to GND plane for better heat dissipation)
8 POK
TDFN3x3-10
(Top View)
PGND 2
PGND 3
LX 4
EN 1
LX 5
6 VIN
9 GND
7 VCC
10 FB
EP
EP
APW7323
Handling Code
Temperature Range
Package Code
Assembly Material
Package Code
KA: SOP-8P
QB : TDFN3x3-10
Operating Ambient Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APW7323 KA:
XXXXX - Date Code
APW7323
XXXXX
APW7323 QB:
XXXXX - Date Code
APW
XXXXX
7 3 2 3
APW7323A KA:
XXXXX - Date Code
APW7323A
XXXXX
APW7323A QB:
XXXXX - Date Code
APW
XXXXX
73 2 3A
APW7323A
Symbol
Parameter
Rating
Unit
VIN, VCC
VIN and VCC Input Voltage
-0.3 ~ 7
V
>20ns
-1 ~VIN+0.3
VLX
LX to GND Voltage
<20ns
VPGND -5V ~9V
V
FB, EN, POK to GND Voltage
-0.3 ~ 6.5
V
PD
Power Dissipation
Internally Limited
W
TJ
Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature(10 Seconds)
260
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com