Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7323KAI-TRG Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7323KAI-TRG
Description  3.2A, 5V, 1MHz Synchronous Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7323KAI-TRG Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7323KAI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2013
APW7323/A
www.anpec.com.tw
5
Pin Description
Pin
NO.
SOP-8P
TDFN3x3-10
Name
Function
1
7
VCC
Signal Input. VCC supplies the control circuitry, gate drivers. Connecting a ceramic bypass
capacitor from VCC to GND to eliminate switching noise and voltage ripple on the input to
the IC.
2
8
POK
Power Good Output. This pin is open-drain logic output that is
pulled to ground when the output voltage is not within ±
12.5% of regulation point. The POK
pin, if used, needs an external pull high resistor in the range of 30k
Ω~100kΩ.
3
9
GND
Ground. Power and signal ground.
4
10
FB
Output Feedback Input. The APW7323/A senses the feedback voltage via FB and
regulates the voltage at 0.8V. Connecting FB with a resistor-divider from the converter’s
output sets the output voltage.
5
1
EN
Enable Input. EN is a digital input that turns the regulator on or off. Driving the EN high
turns on the regulator, otherwise, driving it low turns it off. The EN pin is internally pulled
high via a 300kΩ resistor.
6
2,3
PGND
Power Ground.
7
4,5
LX
Power Switching Output. LX is the Junction of the high-side and low-side Power MOSFETs
to supply power to the output LC filter.
8
6
VIN
Power Input. VIN supplies the step-down converter switches.
9
11
Exposed
Pad
Exposed pad. Connect the exposed pad to the system ground plan with large copper area
for dissipating heat into the ambient air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com