Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH02016 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CH02016
Description  High Frequency 50 GHz Thin Film Chip Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CH02016 Datasheet(HTML) 2 Page - Vishay Siliconix

  CH02016 Datasheet HTML 1Page - Vishay Siliconix CH02016 Datasheet HTML 2Page - Vishay Siliconix CH02016 Datasheet HTML 3Page - Vishay Siliconix CH02016 Datasheet HTML 4Page - Vishay Siliconix CH02016 Datasheet HTML 5Page - Vishay Siliconix CH02016 Datasheet HTML 6Page - Vishay Siliconix CH02016 Datasheet HTML 7Page - Vishay Siliconix CH02016 Datasheet HTML 8Page - Vishay Siliconix CH02016 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CH
www.vishay.com
Vishay Sfernice
Revision: 28-Aug-13
2
Document Number: 53014
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Suggested land pattern: According to IPC-7351
Dimension and tolerance of land pattern shall be defined by PCB designer; PCB can be designed according to IPC-7351A
“Generic Requirements for Surface Mount Design and Land Pattern Standard”
Example of land pattern: Fabrication allowance, assembly location and min. or max. level density board are not included in the
exemple bellow.
According to IPC-7351A “Generic Requirements for Surface Mount Design and Land Pattern Standard”:
Zmax. = Amin. + 2JT +
with C: “Unilateral profile tolerance for the component”;
Gmin. = Fmax. + 2JH -
F: ”Unilateral profile tolerance for the board land pattern”;
Xmax. = Bmin. + 2JS +
and P: “Diameter of true position placement accuracy to the center of land pattern”.
For
rectangular
component
Flip-Chip
mounting,
we
suggest:
Note
(1) Best tolerance for 100
 to 500  in 02016 is 2 %
LAND PATTERN FLIP CHIP TERMINATIONS in millimeters
CHIP SIZE
Zmax.
Xmax.
Gmin.
02016
0.53
0.44
0.15
0402
1.4
0.650
0.4
0603
1.71
0.9
0.760
G
min.
Z
max.
X
max.
C
A
2
F
2
P
2
++

C
F
2
F
2
P
2
++

C
B
2
F
2
P
2
++

COMPONENT
J
H
J
S
J
T
Land Pattern Footprint
JT (TOE)
0 mm
JH (HELL)
0 mm
JS (SDE)
0 mm
WRAPAROUND TERMINATIONS in millimeters
CHIP SIZE
Zmax.
Gmin.
Xmax.
0402
1.55
0.15
0.73
0603
2.37
0.35
0.98
TOLERANCE VS. OHMIC VALUES
Ohmic range
10
  R < 50 
50
 R < 100 
100
 R  500  (1)
Tolerance
5 %, 10 %
2 %, 5 %, 10 %
1 %, 2 %, 5 %, 10 %
G
min.
Z
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com