Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH02016 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CH02016
Description  High Frequency 50 GHz Thin Film Chip Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CH02016 Datasheet(HTML) 3 Page - Vishay Siliconix

  CH02016 Datasheet HTML 1Page - Vishay Siliconix CH02016 Datasheet HTML 2Page - Vishay Siliconix CH02016 Datasheet HTML 3Page - Vishay Siliconix CH02016 Datasheet HTML 4Page - Vishay Siliconix CH02016 Datasheet HTML 5Page - Vishay Siliconix CH02016 Datasheet HTML 6Page - Vishay Siliconix CH02016 Datasheet HTML 7Page - Vishay Siliconix CH02016 Datasheet HTML 8Page - Vishay Siliconix CH02016 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CH
www.vishay.com
Vishay Sfernice
Revision: 28-Aug-13
3
Document Number: 53014
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PREFERRED MODELS AND VALUES
Vishay Sfernice highly recommend to use the smallest sizes and flip chip version to get the best performances.
Recommended Values:
10R/18R/25R/50R/75R/100R/150R/180R/200R/250R/330R/500R
Those values are available with a MOQ of 100 pieces.
Other values can be ordered upon request, but higher MOQ will apply: 1000 pieces for CH02016, 500 pieces for CH0402,
50 pieces for CH0603.
Recommended terminations:
F
Recommended tolerance:
2 %
Design kits are available Ex Stock in CH02016 and CH0402 sizes. There are 20 pieces per recommended value. F termination.
5 % tolerance.
Those kits are packaged in pieces of tape and delivered in ESD bags.
PACKAGING
Standard packaging is waffle pack for sizes 0402 and 0603 and plastic tape and reel (low conductivity) for size 02016.
Paper tape and reel is available for size 0402 and either paper tape and reel or plastic tape and reel (low conductivity) for size
0603.
Depending on the type of terminations, parts will be packed differently:
One face:
• Gold terminations: Active face up
• Tin/silver termination: Active face down
Note
• Please refer to Vishay Sfernice Application Note “Guidelines for Vishay Sfernice Resistive and Inductive Products” for soldering
recommendation (document number 52029, 3. Guidelines for Surface Mounting Components (SMD), profile number 3 applies
PACKAGING RULES
Waffle Pack
Can be filled up to maximum quantity indicated in the table
here above, taking into account the minimum order quantity.
When quantity ordered exceeds maximum quantity of a
single waffle pack, the waffle packs are stacked up on the
top of each other and closed by one single cover. To get
“not stacked up” waffle pack in case of ordered quantity
> maximum number of pieces per package: Please consult
Vishay Sfernice for specific ordering code.
Tape and Reel
See Part Numbering information to get the quantity desired
by tape.
SIZE
MOQ
NUMBER OF PIECES PER PACKAGE
TAPE WIDTH
WAFFLE PACK
2" X 2"
TAPE AND REEL
Min.
Max.
02016
See MOQ mentioned
on preferred models
and values
484
100
5000
8 mm
0402
100
0603
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com