Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8813 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW8813
Description  DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8813 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW8813 Datasheet HTML 1Page - Anpec Electronics Coropration APW8813 Datasheet HTML 2Page - Anpec Electronics Coropration APW8813 Datasheet HTML 3Page - Anpec Electronics Coropration APW8813 Datasheet HTML 4Page - Anpec Electronics Coropration APW8813 Datasheet HTML 5Page - Anpec Electronics Coropration APW8813 Datasheet HTML 6Page - Anpec Electronics Coropration APW8813 Datasheet HTML 7Page - Anpec Electronics Coropration APW8813 Datasheet HTML 8Page - Anpec Electronics Coropration APW8813 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Sep., 2012
APW8813/A
www.anpec.com.tw
2
Pin Configuration
Simplified Application Circuit
VTT
VDDQ
V
IN
+3V~28V
PWM
L
OUT
Q1
Q2
DDR
LDO
5V
R
CS
VDDQ/2
S3
S5
TQFN3x3-20
(Top View)
APW8813A
LGATE
VCC
VDDQSNS
VTTREF
GND
VTTSNS
VTTGND
PGND
CS
PVCC
21
PGND
14
13
12
11
15
2
3
4
5
1
19
18
17
16
20
7
8
9
10
6
PGND
VCC
VTTREF
MODE
GND
VTTSNS
VTTGND
FCCM
CS_GND
CS
PVCC
PGOOD
25
PGND
17
16
15
14
13
18
2
3
4
5
6
1
23 22 21 20 19
24
8
9
10 11 12
7
TQFN4x4-24A
(Top View)
= Thermal Pad (connected to GND plane for better heat dissipation)
APW8813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com