Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8813 Datasheet(PDF) 21 Page - Anpec Electronics Coropration

Part # APW8813
Description  DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8813 Datasheet(HTML) 21 Page - Anpec Electronics Coropration

Back Button APW8813 Datasheet HTML 17Page - Anpec Electronics Coropration APW8813 Datasheet HTML 18Page - Anpec Electronics Coropration APW8813 Datasheet HTML 19Page - Anpec Electronics Coropration APW8813 Datasheet HTML 20Page - Anpec Electronics Coropration APW8813 Datasheet HTML 21Page - Anpec Electronics Coropration APW8813 Datasheet HTML 22Page - Anpec Electronics Coropration APW8813 Datasheet HTML 23Page - Anpec Electronics Coropration APW8813 Datasheet HTML 24Page - Anpec Electronics Coropration APW8813 Datasheet HTML 25Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Sep., 2012
APW8813/A
www.anpec.com.tw
21
Function Description (Cont.)
PWM Converter Current-Limit
The current-limit circuit employs an unique “valley” cur-
rent sensing algorithm (Figure 2). CS pin should be con-
nected to VCC through the trip voltage-setting resistor,
R
CS. CS terminal sinks 10µA current, ICS, and the current-
limit threshold is set to the voltage across the R
CS. The
voltage between PGND and PHASE pin monitors the in-
ductor current so that PHASE pin should be connected to
the drain terminal of the low side MOSFET. PGND is used
as the positive current sensing node so that PGND
should be connected to the proper current sensing device,
i.e. the sense resistor or the source terminal of the low
side MOSFET.
If the magnitude of the current-sense signal is above the
current-limit threshold, the PWM is not allowed to initiate
a new cycle. The actual peak current is greater than the
current-limit threshold by an amount equal to the induc-
tor ripple current. Therefore, the exact current-limit char-
acteristic and maximum load capability are the function
of the sense resistance, inductor value, and input voltage.
The equation for the current-limit threshold is as below:
Where
I
LIMIT is the desired current-limit threshold
R
CS is the value of the current sense resistor con-
nected to CS and VCC pins
V
CS is the voltage across the RCS resistor
I
RIPPLE is inductor peak to peak current
F
SW is the PWM switching frequency
In a current-limit condition, the current to the load exceeds
the current to the output capacitor, thus the output voltage
tends to fall down. If the output voltage becomes less
than power good level, the V
CS is cut into half and the
output voltage tends to be even lower. Eventually, it
crosses the under-voltage protection threshold and
shutdown.
(
)
IN
VDDQ
SW
VDDQ
IN
DS(ON)
CS
RIPPLE
DS(ON)
CS
LIMIT
V
V
x
F
L
2
V
V
R
A
10
R
2
I
R
V
I
×
×
−
+
µ
×
=
+
=
Time
0
I
LIMIT
I
PEAK
I
VALLEY
Figure 2. Current-Limit Algorithm
VTT Sink/Source Regulator
The output voltage at VTT pin tracks the reference voltage
applied at VTTREF pin. Two internal N-channel MOSFETs
controlled by separate high bandwidth error amplifiers
regulate the output voltage by sourcing current from LDOIN
pin or sinking current to GND pin. To prevent two pass
transistors from shoot-through, a small voltage offset is
created between the positive inputs of the two error
amplifiers. The VTT with fast response feedback loop
keeps tracking to the VTTREF within ±40mV at all condi-
tions including fast load transient.
S3, S5 Control
In the DDR2/DDR3 memory applications, it is important
to keep VDDQ always higher than VTT/VTTREF including
both start-up and shutdown.
The S3 and S5 signals control the VDDQ, VTT, VTTREF
states and these pins should be connected to SLP_S3
and SLP_S5 signals respectively. The table1 shows the
truth table of the S3 and S5 pins. When both S3 and S5
are above the logic threshold voltage, the VDDQ, VTT and
VTTREF are turned on at S0 state. When S3 is low and
S5 is high, the VDDQ and VTTREF are kept on while the
VTT voltage is disabled and left high impedance in S3
state. When both S3 and S5 are low, the VDDQ, VTT and
VTTREF are turned off and discharged to the ground ac-
cording to the discharge mode selected by MODE pin
during S4/S5 state, only for APW8813. On APW8813A, the
default discharge mode is non-tracking discharge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com