Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP523F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP523F
Description  Programmable Controllers DC?뭀utput Module Solid State Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP523F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP523F Datasheet HTML 1Page - Toshiba Semiconductor TLP523F Datasheet HTML 2Page - Toshiba Semiconductor TLP523F Datasheet HTML 3Page - Toshiba Semiconductor TLP523F Datasheet HTML 4Page - Toshiba Semiconductor TLP523F Datasheet HTML 5Page - Toshiba Semiconductor TLP523F Datasheet HTML 6Page - Toshiba Semiconductor TLP523F Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP523,TLP523
−2,TLP523−4
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo
−Transistor
TLP523, TLP523
−2, TLP523−4
Programmable Controllers
DC
−Output Module
Solid State Relay
The TOSHIBA TLP523, −2 and −4 consists of a gallium arsenide
infrared emitting diode coupled with a silicon, darlington connected,
phototransistor which has an integral base−emitter resistor to optimize
switching speed and elevated temperature characteristics.
The TLP523−2 offers two isolated channels in an eight lead plastic DIP
package, while the TLP523−4 provide four isolated channels per
package.
• Current transfer ratio: 500% (min.) (IF = 1 mA)
• Isolation voltage: 2500 Vrms (min.)
• Collector−emitter voltage: 55 V (min.)
• Leakage current: 10μA (max.) (Ta = 85°C)
• UL recognized: UL1577, file no. E67349
Pin Configurations (top view)
1
4
3
2
TLP523
1 : Anode
2 : Cathode
3 : Emitter
4 : Collector
1
2
7
6
3
8
TLP523-2
1, 3 : Anode
2, 4 : Cathode
5, 7 : Emitter
6, 8 : Collector
4
5
5
6
11
10
7
12
8
9
1
2
15
14
3
16
TLP523-4
4
13
1, 3, 5, 7
2, 4, 6, 8
9, 11, 13, 15
10, 12, 14, 16
: Anode
: Cathode
: Emitter
: Collector
TOSHIBA
11
−5B2
Weight: 0.26 g (typ.)
TOSHIBA
11
−10C4
Weight: 0.54 g (typ.)
TOSHIBA
11
−20A3
Weight: 1.1 g (typ.)
Unit in mm


Similar Part No. - TLP523F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP523 TOSHIBA-TLP523 Datasheet
251Kb / 7P
programmable controllers dc-output module solid state relay
TLP523 TOSHIBA-TLP523 Datasheet
262Kb / 7P
GaAs Ired & Photo−Transistor
TLP523-2 TOSHIBA-TLP523-2 Datasheet
251Kb / 7P
programmable controllers dc-output module solid state relay
TLP523-2 TOSHIBA-TLP523-2 Datasheet
262Kb / 7P
GaAs Ired & Photo−Transistor
logo
List of Unclassifed Man...
TLP523-3 ETC1-TLP523-3 Datasheet
86Kb / 2P
12PIN DIP 3-CHANNELS TYPE
More results

Similar Description - TLP523F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP504A TOSHIBA-TLP504A Datasheet
357Kb / 8P
programmable controllers ac/dc-input module solid state relay
TLP521-1 TOSHIBA-TLP521-1 Datasheet
372Kb / 8P
programmable controllers ac/dc-input module solid state relay
TLP523 TOSHIBA-TLP523 Datasheet
251Kb / 7P
programmable controllers dc-output module solid state relay
TLP531 TOSHIBA-TLP531 Datasheet
816Kb / 9P
Programmable Controllers AC / DC-Input Module Solid State Relay
TLP541G TOSHIBA-TLP541G Datasheet
536Kb / 6P
Programmable Controllers AC.Output Module Solid State Relay
TLP127TPLUF TOSHIBA-TLP127TPLUF Datasheet
164Kb / 8P
Programmable Controllers DC?뭀utput Module Telecommunication
TLP521-1GBF TOSHIBA-TLP521-1GBF Datasheet
193Kb / 9P
Programmable Controllers AC/DC?묲nput Module Solid State Relay
TLP521-1GBFT TOSHIBA-TLP521-1GBFT Datasheet
193Kb / 9P
Programmable Controllers AC/DC?묲nput Module Solid State Relay
logo
Guangdong Youtai Semico...
TLP521GB-S UMW-TLP521GB-S Datasheet
792Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
TLP521GB UMW-TLP521GB Datasheet
792Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com