Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP620 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP620
Description  Programmable Controllers AC / DC?묲nput Module Telecommunication
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP620 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP620 Datasheet HTML 1Page - Toshiba Semiconductor TLP620 Datasheet HTML 2Page - Toshiba Semiconductor TLP620 Datasheet HTML 3Page - Toshiba Semiconductor TLP620 Datasheet HTML 4Page - Toshiba Semiconductor TLP620 Datasheet HTML 5Page - Toshiba Semiconductor TLP620 Datasheet HTML 6Page - Toshiba Semiconductor TLP620 Datasheet HTML 7Page - Toshiba Semiconductor TLP620 Datasheet HTML 8Page - Toshiba Semiconductor TLP620 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLP620,TLP620−2,TLP620−4
2007-10-01
7
VF – IF
Forward voltage VF (V)
60
−3
40
20
0
−20
−40
−2
−1
0
1
2
3
Ta = 25°C
500
300
50
30
5
0.3
1
3
10
30
100
Ta = 25°C
VCE = 5V
VCE = 0.4V
100
10
Sample B
Sample A
IC / IF – IF
Forward current IF (mA)
IC – VF
Forward voltage VF (V)
100
0.03
0.8
1.3
50
30
10
5
3
1
0.5
0.3
0.1
0.05
0.01
0.9
1.0
1.1
1.2
Ta = 25°C
VCE = 0.4V
10
5
IC – IF
Forward current IF (mA)
100
0.5
0.3
100
50
30
10
5
3
1
0.3
0.1
0.05
0.03
1
3
10
30
Ta = 25°C
VCE = 5V
VCE = 0.4V
Sample B
Sample A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com