Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP620 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP620
Description  Programmable Controllers AC / DC?묲nput Module Telecommunication
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP620 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP620 Datasheet HTML 1Page - Toshiba Semiconductor TLP620 Datasheet HTML 2Page - Toshiba Semiconductor TLP620 Datasheet HTML 3Page - Toshiba Semiconductor TLP620 Datasheet HTML 4Page - Toshiba Semiconductor TLP620 Datasheet HTML 5Page - Toshiba Semiconductor TLP620 Datasheet HTML 6Page - Toshiba Semiconductor TLP620 Datasheet HTML 7Page - Toshiba Semiconductor TLP620 Datasheet HTML 8Page - Toshiba Semiconductor TLP620 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLP620,TLP620−2,TLP620−4
2007-10-01
3
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
―
5
24
V
Forward current
IF (RMS)
―
16
20
mA
Collector current
IC
―
1
10
mA
Operating temperature
Topr
−25
―
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = ±10mA
1.0
1.15
1.3
V
Forward current
IF
VF = ±0.7V
―
2.5
20
μA
Capacitance
CT
V = 0, f = 1MHz
―
60
―
pF
Collector
−emitter
breakdown voltage
V (BR) CEO
IC = 0.5mA
55
―
―
V
Emitter
−collector
breakdown voltage
V (BR) ECO
IE = 0.1mA
7
―
―
V
VCE = 24V
―
10
100
nA
Collector dark current
ICEO
VCE = 24V, Ta = 85°C
―
2
50
μA
Capacitance
(collector to emitter)
CCE
VCE = 0, f = 1MHz
―
10
―
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
MIn.
Typ.
Max.
Unit
50
―
600
Current transfer ratio
IC / IF
IF = ±5mA, VCE = 5V
Rank GB
100
―
600
%
―
60
―
Saturated CTR
IC / IF (sat)
IF = ±1mA, VCE = 0.4V
Rank GB
30
―
―
%
IC = 2.4mA, IF = ±8mA
―
―
0.4
―
0.2
―
Collector
−emitter saturation
voltage
VCE (sat)
IC = 0.2 mA, IF = ±1 mA
Rank GB
―
―
0.4
V
Off
−state collector current
IC (off)
VF = ± 0.7V, VCE = 24V
―
1
10
μA
CTR symmetry
IC (ratio)
IC (IF = −5mA) / IC (IF = +5mA)
0.33
1
3
―



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com