Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP621 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP621
Description  Programmable Controller AC / DC?묲nput Module Solid State Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP621 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP621 Datasheet HTML 1Page - Toshiba Semiconductor TLP621 Datasheet HTML 2Page - Toshiba Semiconductor TLP621 Datasheet HTML 3Page - Toshiba Semiconductor TLP621 Datasheet HTML 4Page - Toshiba Semiconductor TLP621 Datasheet HTML 5Page - Toshiba Semiconductor TLP621 Datasheet HTML 6Page - Toshiba Semiconductor TLP621 Datasheet HTML 7Page - Toshiba Semiconductor TLP621 Datasheet HTML 8Page - Toshiba Semiconductor TLP621 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLP621,TLP621
−2,TLP621−4
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo
−Transistor
TLP621,TLP621
−2,TLP621−4
Programmable Controller
AC / DC
−Input Module
Solid State Relay
The TOSHIBA TLP621, −2 and −4 consists of a photo−transistor
optically coupled to a gallium arsenide infrared emitting diode.
The TLP621−2 offers two isolated channels in an eight lead plastic DIP,
which the TLP621−4 provides four isolated channels in a sixteen plastic
DIP.
• Collector−emitter voltage: 55 V (min.)
• Current transfer ratio: 50% (min.)
Rank GB: 100% (min.)
Pin Configurations (top view)
TLP621
TLP621-2
TLP621-4
1
1
1
2
2
2
4
4
4
3
3
3
5
5
6
6
7
8
7
8
9
10
11
12
13
14
15
16
1: Anode
2: Cathode
3: Emitter
4: Collector
1, 3: Anode
2, 4: Cathode
5, 7: Emitter
6, 8: Collector
1, 3, 5, 7: Anode
2, 4, 6, 8: Cathode
9, 11, 13, 15: Emitter
10, 12, 14, 16: Collector
TOSHIBA
11−5B2
Weight: 0.26 g (typ.)
TOSHIBA
11−10C4
Weight: 0.54 g (typ.)
TOSHIBA
11−20A3
Weight: 1.1 g (typ.)
Unit in mm


Similar Part No. - TLP621

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621 Datasheet
425Kb / 10P
PROGRAMMABLE CONTROLLER AC/DC-INPUT MODULE SOLID STATE RELAY
TLP621 TOSHIBA-TLP621 Datasheet
245Kb / 10P
Programmable Controller
logo
ISOCOM COMPONENTS
TLP621 ISOCOM-TLP621 Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621 Datasheet
208Kb / 10P
Programmable Controller AC / DC?묲nput Module Solid State Relay
TLP621 TOSHIBA-TLP621 Datasheet
208Kb / 10P
Programmable Controller AC / DC?묲nput Module Solid State Relay
More results

Similar Description - TLP621

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP521-1 TOSHIBA-TLP521-1 Datasheet
372Kb / 8P
programmable controllers ac/dc-input module solid state relay
TLP531 TOSHIBA-TLP531 Datasheet
816Kb / 9P
Programmable Controllers AC / DC-Input Module Solid State Relay
TLP621 TOSHIBA-TLP621 Datasheet
425Kb / 10P
PROGRAMMABLE CONTROLLER AC/DC-INPUT MODULE SOLID STATE RELAY
TLP521-1GBF TOSHIBA-TLP521-1GBF Datasheet
193Kb / 9P
Programmable Controllers AC/DC?묲nput Module Solid State Relay
TLP521-1GBFT TOSHIBA-TLP521-1GBFT Datasheet
193Kb / 9P
Programmable Controllers AC/DC?묲nput Module Solid State Relay
TLP621-4GB TOSHIBA-TLP621-4GB Datasheet
208Kb / 10P
Programmable Controller AC / DC?묲nput Module Solid State Relay
TLP621GBF TOSHIBA-TLP621GBF Datasheet
208Kb / 10P
Programmable Controller AC / DC?묲nput Module Solid State Relay
logo
Guangdong Youtai Semico...
TLP521GB UMW-TLP521GB Datasheet
792Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
TLP621GB-1 UMW-TLP621GB-1 Datasheet
519Kb / 8P
PROGRAMMABLE CONTROLLER AC/ DC - INPUT MODULE SOLID STATE RELAY
TLP621GB-1S UMW-TLP621GB-1S Datasheet
519Kb / 8P
PROGRAMMABLE CONTROLLER AC/ DC - INPUT MODULE SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com