Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP700 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP700
Description  Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP700 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP700 Datasheet HTML 1Page - Toshiba Semiconductor TLP700 Datasheet HTML 2Page - Toshiba Semiconductor TLP700 Datasheet HTML 3Page - Toshiba Semiconductor TLP700 Datasheet HTML 4Page - Toshiba Semiconductor TLP700 Datasheet HTML 5Page - Toshiba Semiconductor TLP700 Datasheet HTML 6Page - Toshiba Semiconductor TLP700 Datasheet HTML 7Page - Toshiba Semiconductor TLP700 Datasheet HTML 8Page - Toshiba Semiconductor TLP700 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TLP700
2010-02-23
4
Switching Characteristics (Ta = −40 to 100 °C, unless otherwise specified)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.*
Max
Unit
L
→ H
tpLH
IF = 0 → 5 mA
50
⎯
500
Propagation delay time
H
→ L
tpHL
IF = 5 → 0 mA
50
⎯
500
Output rise time (10
−90 %)
tr
IF = 0 → 5 mA
⎯
50
⎯
Output fall time (90
−10 %)
tf
IF = 5 → 0 mA
⎯
50
⎯
Switching time dispersion
between ON and OFF
| tpHL-tpLH |
7
VCC = 30 V
Rg = 20 Ω
Cg = 10 nF
IF = 0 ↔ 5 mA
⎯
⎯
250
ns
Common mode transient immunity
at HIGH level output
CMH
IF = 5 mA
VO (min) = 26 V
−15
⎯
⎯
Common mode transient immunity
at LOW level output
CML
8
VCM =1000 Vp-p
Ta
= 25 °C
VCC = 30 V
IF = 0 mA
VO (max) = 1 V
15
⎯
⎯
kV/
μs
( * ): All typical values are at Ta
= 25 °C.
Test Circuit 1: IOPH
Test Circuit 2: IOPL
Test Circuit 3: VOH
Test Circuit 4: VOL
Test Circuit 5: ICCH
Test Circuit 6: ICCL
A
IOPL
V5-4
VCC
1
3
4
6
0.1
μF
A
IF
1
3
4
6
IOPH
V6-5
VCC
0.1
μF
VCC
A
ICCH
IF
1
3
4
6
0.1
μF
VCC
A
ICCL
1
3
4
6
0.1
μF
VCC1
V
VOH
IF
1
3
4
6
0.1
μF
VEE1
RL
VF
1
3
VCC1
V
VOL
4
6
0.1
μF
VEE1
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com