Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP700 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP700
Description  Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP700 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TLP700 Datasheet HTML 3Page - Toshiba Semiconductor TLP700 Datasheet HTML 4Page - Toshiba Semiconductor TLP700 Datasheet HTML 5Page - Toshiba Semiconductor TLP700 Datasheet HTML 6Page - Toshiba Semiconductor TLP700 Datasheet HTML 7Page - Toshiba Semiconductor TLP700 Datasheet HTML 8Page - Toshiba Semiconductor TLP700 Datasheet HTML 9Page - Toshiba Semiconductor TLP700 Datasheet HTML 10Page - Toshiba Semiconductor TLP700 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TLP700
2010-02-23
7
-40 -20
0
204060
80 100
0
1
2
3
4
5
tPLH, tPHL - Ta
tPLH, tPHL - VCC
tPLH, tPHL - IF
IFLH - Ta
IOPL- Ta
IOPH- Ta
Ambient Temperature Ta [°C]
Supply Voltage VCC [V]
Forward current IF [mA]
Ambient Temperature Ta [°C]
Ambient Temperature Ta [°C]
Ambient Temperature Ta [°C]
IF=5mA
-40 -20
0
204060
80 100
0
100
200
300
400
500
IF=5mA, VCC=30V
Rg=20Ω, Cg=10nF
tpHL
tpLH
15
20
25
30
0
100
200
300
400
500
tpHL
tpLH
IF=5mA, Rg=20Ω
Cg=10nF
4
6
8
10 12 14 16 18 20
0
100
200
300
400
500
VCC=30V
Rg=20Ω, Cg=10nF
VCC=15V, VO>1V
IO=0mA
-40 -20
0
204060
80 100
0
1
2
3
4
5
IOPL
MAX
IF=0mA, VCC=15V
(
Note 9)
V5-4=2.5V
V5-4=7.0V
tpLH
tpHL
-40 -20
0
20
40
60
80 100
-5
-4
-3
-2
-1
0
IF=5mA, VCC=15V
V6-5=-7.0V
V6-5=-3.5V
IOPH
MAX
(
Note 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com