Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP708 Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TLP708
Description  Factory Automation (FA) Home Electrical Appliances Operates at high ambient temperatures up to 125
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP708 Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TLP708 Datasheet HTML 5Page - Toshiba Semiconductor TLP708 Datasheet HTML 6Page - Toshiba Semiconductor TLP708 Datasheet HTML 7Page - Toshiba Semiconductor TLP708 Datasheet HTML 8Page - Toshiba Semiconductor TLP708 Datasheet HTML 9Page - Toshiba Semiconductor TLP708 Datasheet HTML 10Page - Toshiba Semiconductor TLP708 Datasheet HTML 11Page - Toshiba Semiconductor TLP708 Datasheet HTML 12Page - Toshiba Semiconductor TLP708 Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TLP708,TLP708F
2012-08-07
11
3.5
Tape Specification
(1)
Tape material: Plastic (protection against electrostatics)
(2)
Dimensions: The tape dimensions are as shown in Figure 2 and Table 2.
Figure 2 Tape Forms
Table 2 Tape Dimension
Unit: mm
Unless otherwise specified:
±0.1
Symbol
Dimension
Remark
A
10.4
⎯
B
5.1
⎯
D
7.5
Center line of indented square hole and sprocket hole
E
1.75
Distance between tape edge and hole center
F
12.0
Cumulative error
(max) per 10 feed holes
G
4.0
Cumulative error
(max) per 10 feed holes
K0
4.1
Internal space
+0.1
−0.3
+0.1
−0.3
φ1.6 ± 0.1
2.0
± 0.1
A
FG
φ1.5 +0.1
−0
0.4
± 0.05
4.55
± 0.2
K0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com