Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP708 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP708
Description  Factory Automation (FA) Home Electrical Appliances Operates at high ambient temperatures up to 125
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP708 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP708 Datasheet HTML 1Page - Toshiba Semiconductor TLP708 Datasheet HTML 2Page - Toshiba Semiconductor TLP708 Datasheet HTML 3Page - Toshiba Semiconductor TLP708 Datasheet HTML 4Page - Toshiba Semiconductor TLP708 Datasheet HTML 5Page - Toshiba Semiconductor TLP708 Datasheet HTML 6Page - Toshiba Semiconductor TLP708 Datasheet HTML 7Page - Toshiba Semiconductor TLP708 Datasheet HTML 8Page - Toshiba Semiconductor TLP708 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TLP708,TLP708F
2012-08-07
3
Recommended Operating Condition
Characteristics
Symbol
Min.
Typ.
Max.
Unit
‘L’ level input voltage
VFL
0
0.8
V
‘H’ level input current
IFH
7.5
15
mA
Supply voltage*
VCC
4.5
5.5
V
Operating temperature range
Topr
-40
125
* This item denotes operating ranges, not meaning of recommended operating conditions.
Electrical Characteristics
(Unless otherwise specified, Ta = -40 to 125, VCC = 4.5 to 5.5V)
Characteristic
Symbol
Test
Circuit
Test Conditions
Min.
Typ.*
Max.
Unit
Input forward current
VF
IF = 10 mA, Ta = 25℃
1.40
1.57
1.80
V
Temperature coefficient of forward voltage
Δ
VF /ΔTa
IF = 10 mA
−1.8
mV/
Input reverse current
IR
VR = 5 V, Ta = 25℃
10
μA
Input capacitance
CT
VF = 0 V, f = 1 MHz, Ta = 25℃
60
pF
VF = 0.8 V, VO = 5.5 V
250
“H” level output current
IOH
1
VF = 0.8 V, VO = 5.5 V
Ta = 25
0.5
10
μA
“L” level output voltage
VOL
2
IF = 10 mA
IOL = 13 mA (sink)
0.3
0.6
V
Input threshold current
IFHL
IOL = 13 mA (sink)
VO < 0.6 V
1.5
5.0
mA
“H” level supply current
ICCH
3
IF = 0 mA
1.5
5.0
mA
“L” level supply current
ICCL
4
IF = 10 mA
1.4
5.0
mA
*All typical values are at Ta=25°C, VCC=5V unless otherwise specified.
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
VS = 0V , f = 1MHz
(Note 2)
0.8
pF
Isolation resistance
RS
R.H. ≤ 60%,VS = 500V
(Note 2)
1×10
12
10
14
Ω
AC,1 minute
5000
Vrms
AC,1 second,in oil
10000
Isolation voltage
BVS
DC,1 minute,in oil
10000
Vdc
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the device. In
addition, each item is an independent guideline. In developing designs using this product, please confirm the specified
characteristics shown in this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com