Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R2RC41-P1 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E3F2-R2RC41-P1
Description  Photoelectric Sensors E3F2
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R2RC41-P1 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E3F2-R2RC41-P1 Datasheet HTML 6Page - Omron Electronics LLC E3F2-R2RC41-P1 Datasheet HTML 7Page - Omron Electronics LLC E3F2-R2RC41-P1 Datasheet HTML 8Page - Omron Electronics LLC E3F2-R2RC41-P1 Datasheet HTML 9Page - Omron Electronics LLC E3F2-R2RC41-P1 Datasheet HTML 10Page - Omron Electronics LLC E3F2-R2RC41-P1 Datasheet HTML 11Page - Omron Electronics LLC E3F2-R2RC41-P1 Datasheet HTML 12Page - Omron Electronics LLC E3F2-R2RC41-P1 Datasheet HTML 13Page - Omron Electronics LLC E3F2-R2RC41-P1 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
Photoelectric Sensors
E3F2
Retroreflective Models (axial)
E3F2-R2
@4-@ (non polarizing)
and reflectors
Retroreflective Models (axial)
E3F2-R2Z
@ (non polarizing)
and reflectors
Retroreflective Models (axial)
E3F2-R2R
@4-@ (polarizing)
and reflectors
Retroreflective Models (axial)
E3F2-R4
@4@-@
Retroreflective Models (radial)
E3F2-R2R
@41-@ (polarizing)
and reflectors
Diffuse reflective Models (axial)
E3F2-DS10
@4-@ (wide-beam type)
Diffuse reflective Models (axial)
E3F2-DS10Z-
@ (wide-beam type)
Diffuse reflective Models (axial)
E3F2-DS30
@4-@
12
345
6
0
100
10
1
0.1
Distance X (m)
7
8
reflector E39-R7
reflector E39-R1
reflector E39-R8
1
2345
6
0
100
10
1
0.1
Distance X (m)
7
reflector E39-R1
reflector E39-R7
reflector E39-R8
1
2345
6
0
100
10
1
0.1
Distance X (m)
7
reflector E39-R1
reflector E39-R7
reflector E39-R8
0.1
1
10
100
02
4
6
8
10
Distance X (m)
Reflectors:
E39-RS3
E39-R1S
E39-R40
E39-R7
E39-R8
1234
5
0
100
10
1
0.1
Distance X (m)
reflector E39-R1
reflector E39-R7
reflector E39-R8
20
40
60
80
100
120
0
100
10
1
0.1
Distance X (mm)
140
Grey paper
(18% reflectivity)
Sensing object:
50 x 50 mm
White paper
(90% reflectivity)
50
100
150
0
100
10
1
0.1
Distance X (mm)
200
Grey paper
(18% reflectivity)
Sensing object:
50 x 50 mm
White paper
(90% reflectivity)
200
400
600
800
1000
0
100
10
1
0.1
Distance X (mm)
Grey paper
(18% reflectivity)
White paper
(90% reflectivity)
Sensitivity adjusted to maximum
Sensing object:
100 x 100 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com