Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R2RC41-P1 Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # E3F2-R2RC41-P1
Description  Photoelectric Sensors E3F2
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R2RC41-P1 Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button E3F2-R2RC41-P1 Datasheet HTML 12Page - Omron Electronics LLC E3F2-R2RC41-P1 Datasheet HTML 13Page - Omron Electronics LLC E3F2-R2RC41-P1 Datasheet HTML 14Page - Omron Electronics LLC E3F2-R2RC41-P1 Datasheet HTML 15Page - Omron Electronics LLC E3F2-R2RC41-P1 Datasheet HTML 16Page - Omron Electronics LLC E3F2-R2RC41-P1 Datasheet HTML 17Page - Omron Electronics LLC E3F2-R2RC41-P1 Datasheet HTML 18Page - Omron Electronics LLC E3F2-R2RC41-P1 Datasheet HTML 19Page - Omron Electronics LLC E3F2-R2RC41-P1 Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
Photoelectric Sensors
E3F2
Dimensions Note: All units are in millimeters unless otherwise indicated
■ DC-Switching Models, plastic, axial type
Cable type
Connector type
Without potentiometer
E3F2-7
@
E3F2-10
@
E3F2-R2
@4
E3F2-DS10
@4-N
E3F2-LS10
@4
E3F2-R4
@4F
E3F2-7
@-P1
E3F2-10
@ –P1
E3F2-R2
@4-P1
E3F2-DS10
@4-P1
E3F2-LS10
@4-P1
E3F2-R4
@4F-P1
With potentiometer
E3F2-DS30
@4
E3F2-D1
@4
E3F2-DS30
@4-P1
E3F2-D1
@4-P1
4.8 dia
37
42.3
64.9
M18x1 6g
Light indicator
5
4
8
24
optical
area
5
4
8
M18x1 6g
Light indicator
4.7 dia
42.3
37
73
24
62
optical
area
37
42.3
49.3
M18x1 6g
Light indicator
Sensitivity adjustor
5
4
8
4.8 dia
24
64.9
optical
area
5
4
8
M18x1 6g
Sensitivity adjustor
Light indicator
4.7 dia
49.3
42.3
37
73
24
62
optical
area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com