Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2174 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APA2174
Description  Stereo Cap-Free Line Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2174 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APA2174 Datasheet HTML 9Page - Anpec Electronics Coropration APA2174 Datasheet HTML 10Page - Anpec Electronics Coropration APA2174 Datasheet HTML 11Page - Anpec Electronics Coropration APA2174 Datasheet HTML 12Page - Anpec Electronics Coropration APA2174 Datasheet HTML 13Page - Anpec Electronics Coropration APA2174 Datasheet HTML 14Page - Anpec Electronics Coropration APA2174 Datasheet HTML 15Page - Anpec Electronics Coropration APA2174 Datasheet HTML 16Page - Anpec Electronics Coropration APA2174 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Dec., 2011
www.anpec.com.tw
13
APA2174
Application Information (Cont.)
Input Resistor, R
i (Cont.)
(6)
i
f
V
R
R
)
Gain(A
=
The external gain setting is recommended using from
-1V/V to -10V/V, and the R
i is in the range from 1kΩ to
47k
Ω. It’s recommended to use 1% tolerance resistor or
better. Keep the input trace as short as possible to limit
the noise injection. The gain is recommended to set
-1V/V, and R
i is 10kΩ, and Rf is 10kΩ.
Feedback Resistor, R
f
Refer the figure 3, the external gain is setting by R
i and Rf;
and the gain setting is recommended using from -1V/V to
-10V/V. The R
f is in the range from 4.7kΩ to 100kΩ. It’s
recommended to use 1% tolerance resistor or better.
Power Supply Decoupling, C
s
The APA2174 is a high-performance CMOS audio ampli-
fier that requires adequate power supply decoupling to
ensure the output total harmonic distortion (THD+N) is
as low as possible. Power supply decoupling also pre-
vents the oscillations being caused by long lead length
between the amplifier and the speaker.
The optimum decoupling is achieved by using two differ-
ent types of capacitors that target on different types of
noise on the power supply leads. For higher frequency
transients, spikes, or digital hash on the line, a good low
equivalent-series- resistance (ESR) ceramic capacitor,
typically 0.1
µF, is placed as close as possible to the de-
vice VDD and PVDD lead for the best performance. For
filtering lower frequency noise signals, a large alumi-
num electrolytic capacitor of 10
µF or greater placed near
the audio power amplifier is recommended.
Charge Pump Bypass Capacitor, C
CPB
The bypass capacitor (CCPB) relates with the charge
pump switching transient. The capacitor’s value is same
as flying capacitor (2.2
µF). Place it close to the PVDD and
PGND.
Charge Pump Flying Capacitor, C
CPF
The flying capacitor affects the load transient of the charge
pump. If the capacitor’s value is too small, then that will
degrade the charge pump’s current driver capability and
the performance of line drive amplifier.
Increasing the flying capacitor’s value will improve the
load transient of charge pump. It is recommended using
t h e l o w E S R c e r am i c c ap ac i t o r s ( X 7 R t y p e i s
recommended) above 2.2
µF.
Charge Pump Output Capacitor, C
CPO
The output capacitor’s value affects the power ripple di-
rectly at CV
SS (VSS). Increasing the value of output capaci-
tor reduces the power ripple. The ESR of output capacitor
affects the load transient of CV
SS (VSS). Lower ESR and
greater than 2.2
µF ceramic capacitor is a recommendation.
Layout Consideration
Figure 2: TQFN4x4-20B Land Pattern Recommendation
1. All components should be placed close to the APA2174.
For example, the input capacitor (C
i) should be close to
APA2174’s input pins to avoid causing noise coupling
to APA2174’s high impedance inputs; the decoupling
capacitor (C
S) should be placed by the APA2174’
s power
pin to decouple the power rail noise.
2. The output traces should be short and wide (>20mil),
3. The input trace should be short and symmetric.
4. The power trace width should be greater than 20mil.
5. The TQFN Thermal PAD should be soldered on PCB,
and the ground plane needs soldered mask (to avoid
short circuit) except the Thermal PAD area.
2.2mm
0.5mm
0.35mm
Ground
Plane for
ThermalPAD
ThermalVia
Diameter
0.3mm X 5
0.9mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com