Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2174 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA2174
Description  Stereo Cap-Free Line Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2174 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA2174 Datasheet HTML 1Page - Anpec Electronics Coropration APA2174 Datasheet HTML 2Page - Anpec Electronics Coropration APA2174 Datasheet HTML 3Page - Anpec Electronics Coropration APA2174 Datasheet HTML 4Page - Anpec Electronics Coropration APA2174 Datasheet HTML 5Page - Anpec Electronics Coropration APA2174 Datasheet HTML 6Page - Anpec Electronics Coropration APA2174 Datasheet HTML 7Page - Anpec Electronics Coropration APA2174 Datasheet HTML 8Page - Anpec Electronics Coropration APA2174 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Dec., 2011
www.anpec.com.tw
2
APA2174
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Pin Configuration
APA2174
9 LOUT
10 VDD
11 ROUT
12 LIN
13 RSD
14 RIN
15 GND
16 LSD
PVDD 2
NC 3
CPP 4
PGND 5
CPN 6
CVSS 7
VSS 8
NC 1
=ThermalPad (connected the ThermalPad
to GND plane for better heat dissipation)
TSSOP-16
(Top View)
TQFN4x4-20B
(Top View)
SOP-14
(Top View)
APA2174
GND 17
LSD 18
PVDD 19
NC 20
NC 16
6 NC
7 VSS
8 NC
9 LOUT
10 VDD
CVSS 6
VSS 7
8 LOUT
9 VDD
CPP 3
PGND 4
CPN 5
10 ROUT
11 LIN
12 RSD
13 RIN
14 GND
LSD 1
PVDD 2
APA2174
APA2174
Package Code
QB : TQFN4x4-20B
O : TSSOP-16
K : SOP-14
Operating Ambient Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Assembly Material
Handling Code
Temperature Range
Package Code
APA2174 QB :
APA2174
XXXXX
XXXXX - Date Code
APA2174 O :
APA2174
XXXXX
XXXXX - Date Code
XXXXX - Date Code
APA2174 K :
APA2174
XXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com