Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R2RC41-M Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # E3F2-R2RC41-M
Description  Photoelectric Sensors E3F2
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R2RC41-M Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button E3F2-R2RC41-M Datasheet HTML 11Page - Omron Electronics LLC E3F2-R2RC41-M Datasheet HTML 12Page - Omron Electronics LLC E3F2-R2RC41-M Datasheet HTML 13Page - Omron Electronics LLC E3F2-R2RC41-M Datasheet HTML 14Page - Omron Electronics LLC E3F2-R2RC41-M Datasheet HTML 15Page - Omron Electronics LLC E3F2-R2RC41-M Datasheet HTML 16Page - Omron Electronics LLC E3F2-R2RC41-M Datasheet HTML 17Page - Omron Electronics LLC E3F2-R2RC41-M Datasheet HTML 18Page - Omron Electronics LLC E3F2-R2RC41-M Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Photoelectric Sensors
E3F2
15
Note: Terminal numbers for connector type.
■ AC Output
E3F2-LS10C4-
@
ON when light is
incident.
(Light-ON)
Connect the
pink (Pin
)
and brown
(Pin
) cords or
open the pink
cord (Pin
).
ON when light is
interrupted. (Dark-
ON)
Connect the
pink (Pin
)
and blue
(Pin
) cords.
Model
Output transistor
status
Timing chart
Connection
method
Output circuit
Incident
Interrupted
ON
OFF
ON
OFF
Operate
Release
Output
indicator
(red)
Output
transistor
Load
(relay)
2
1
2
Output
indicator
Orange
Main
circuit
1
2
3
4
1
2
3
4
Connector Pin Arrangement
10 to 30 VDC
100 mA
max.
Load
0 V
Mode selection
Brown
Black
Blue
Pink
ZD: VZ = 36 V
Stability
indicator*
Green
Incident
Interrupted
ON
OFF
ON
OFF
Operate
Release
Output
indicator
(orange)
Output
transistor
Load
(relay)
2
3
Output
indicator
Orange
Main
circuit
1
2
3
4
1
2
3
4
Connector Pin Arrangement
10 to 30 VDC
100 mA
max.
Load
0 V
Mode selection
Brown
Black
Blue
Pink
ZD: VZ = 36 V
Stability
indicator*
Green
Model
Output transistor
status
Timing chart
Connection
method
Output circuit
E3F2-3LZ
–
–
–
Through-beam emitter
E3F2-3Z1
E3F2-R2Z1
E3F2-DS10Z1-N
ON when light is
incident.
(Light-ON)
–
E3F2-3Z2
E3F2-R2Z2
E3F2-DS10Z2-N
ON when light is
interrupted. (Dark-
ON)
–
Main
circuit
24 to 240 VAC
Brown
Blue
Power
indicator
(red)
Incident
Interrupted
ON
OFF
ON
OFF
Operate
Release
Output
indicator
(red)
Output
transistor
Load
(relay)
Light
indicator
Red
Main
circuit
200 mA
max.
Load
Brown
Black
Blue
24 to 240 VAC
Incident
Interrupted
ON
OFF
ON
OFF
Operate
Release
Output
indicator
(red)
Output
transistor
Load
(relay)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com