Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R2RC41-M Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3F2-R2RC41-M
Description  Photoelectric Sensors E3F2
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R2RC41-M Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3F2-R2RC41-M Datasheet HTML 1Page - Omron Electronics LLC E3F2-R2RC41-M Datasheet HTML 2Page - Omron Electronics LLC E3F2-R2RC41-M Datasheet HTML 3Page - Omron Electronics LLC E3F2-R2RC41-M Datasheet HTML 4Page - Omron Electronics LLC E3F2-R2RC41-M Datasheet HTML 5Page - Omron Electronics LLC E3F2-R2RC41-M Datasheet HTML 6Page - Omron Electronics LLC E3F2-R2RC41-M Datasheet HTML 7Page - Omron Electronics LLC E3F2-R2RC41-M Datasheet HTML 8Page - Omron Electronics LLC E3F2-R2RC41-M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Photoelectric Sensors
E3F2
3
■ Housing material: Metal (Nickel plated brass)
Note: Shaded models are normally stocked.
Note: Standard cable length is 2 m. Models provided with a 5 m long cable are available. When ordering, specify the cable length by adding the
length of the cable (e.g. E3F2-R2RB4 2M or E3F2-R2RB4 5M). For other cable length please contact your OMRON sales representative.
Sensing method
Appearance
Connection
method
Sensing
distance
Model
PNP output
NPN output
Through-beam Multi purpose
axial
pre-wired
7 m
E3F2-7B4-M
E3F2-7C4-M
M12 connector
E3F2-7B4-M1-M
E3F2-7C4-M1-M
- precision detection
- test input
pre-wired
10 m
E3F2-10B4-M
E3F2-10C4-M
M12 connector
E3F2-10B4-M
1-M
E3F2-10C4-M
1-M
Retro-
reflective
(incl. reflector
E39-R1)
Polarizing
(with MSR
function)
Fixed
sensitivity
axial
pre-wired
0.1 - 2 m(*1)
*1) with reflector E39-R1
E3F2-R2RB4-M
E3F2-R2RC4-M
M12 connector
E3F2-R2RB4-M1-M
E3F2-R2RC4-M1-M
pre-wired
0.1 - 4 m(*2)
*2) with reflector E39-R1S
E3F2-R4B4F-M
E3F2-R4C4F-M
M12 connector
E3F2-R4B4F-M1-M
E3F2-R4C4F-M1-M
Adjustable
sensitivity
pre-wired
E3F2-R4B4-M
E3F2-R4C4-M
M12 connector
E3F2-R4B4-M1-M
E3F2-R4C4-M1-M
Polarizing
(with MSR function)
radial
pre-wired
0.1 - 2 m(*1) E3F2-R2RB41-M
E3F2-R2RC41-M
Diffuse
reflective
Fixed sensing distance
Wide-beam characteristics
axial
pre-wired
0.1 m
E3F2-DS10B4-M
E3F2-DS10C4-M
M12 connector
E3F2-DS10B4-M1-M
E3F2-DS10C4-M1-M
Adjustable sensing
distance
pre-wired
0.3 m
E3F2-DS30B4-M
E3F2-DS30C4-M
M12 connector
E3F2-DS30B4-M1-M
E3F2-DS30C4-M1-M
pre-wired
1 m
E3F2-D1B4-M
E3F2-D1C4-M
M12 connector
E3F2-D1B4-M1-M
E3F2-D1C4-M1-M
Adjustable sensing
distance
radial
pre-wired
0.3 m
E3F2-DS30B41-M
E3F2-DS30C41-M
M12 connector
E3F2-DS30B41-M1-M
E3F2-DS30C41-M1-M
Background
suppression
Fixed sensing
distance
axial
pre-wired
10 cm
E3F2-LS10B4-M
E3F2-LS10C4-M
M12 connector
E3F2-LS10B4-M1-M
E3F2-LS10C4-M1-M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com