Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2181 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APA2181
Description  Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2181 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APA2181 Datasheet HTML 9Page - Anpec Electronics Coropration APA2181 Datasheet HTML 10Page - Anpec Electronics Coropration APA2181 Datasheet HTML 11Page - Anpec Electronics Coropration APA2181 Datasheet HTML 12Page - Anpec Electronics Coropration APA2181 Datasheet HTML 13Page - Anpec Electronics Coropration APA2181 Datasheet HTML 14Page - Anpec Electronics Coropration APA2181 Datasheet HTML 15Page - Anpec Electronics Coropration APA2181 Datasheet HTML 16Page - Anpec Electronics Coropration APA2181 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Apr., 2010
APA2181
www.anpec.com.tw
13
Typical Application Circuit
1
µF
Shutdown
Control
1
µF
(X5R)
Shutdown
Power
and
Depop
Circuit
ROUT
RIN
SDN
Charge
Pump
LIN
LOUT
GND
VDD
CPP
CPN
VSS
PGND
1
µF
1
µF
ROUT
LOUT
AUDIO
DAC
C
CPF
C
CPO
C
S
C
i1
C
i2
Stereo
Headphone
1
µF
Circuit
LDO
VOUT
Microphone
Chip
MICBIAS
MICIN
200k
Ω
R
MICBIAS
Microphone
1
µF
V
SS
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com