Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3200 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL3200
Description  Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3200 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL3200 Datasheet HTML 9Page - Anpec Electronics Coropration APL3200 Datasheet HTML 10Page - Anpec Electronics Coropration APL3200 Datasheet HTML 11Page - Anpec Electronics Coropration APL3200 Datasheet HTML 12Page - Anpec Electronics Coropration APL3200 Datasheet HTML 13Page - Anpec Electronics Coropration APL3200 Datasheet HTML 14Page - Anpec Electronics Coropration APL3200 Datasheet HTML 15Page - Anpec Electronics Coropration APL3200 Datasheet HTML 16Page - Anpec Electronics Coropration APL3200 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Apr., 2009
APL3200
www.anpec.com.tw
13
3. Full-Featured Circuit. Overvoltage protection MOSFET (Q2) on DC withstands up to 18V from the AC adapter, but
disables charging at inputs over 6.4V. Output switch-over MOSFET (Q1) disconnects the battery from the
system load when input power is applied. The input can power the system through D1, D2, Q2, and Q3 when
either USB or AC power is present.
4. Partial-Battery Load Switching. AC adapter power is routed directly to system load, but USB power is not. When
USB power is connected, total USB current is limited to that set by USEL and system power is drawn from the
battery through D2.
Typical Application Circuits (Cont.)
Designation
Description
C1
2.2
µF, 10V, X5R, 0603
Murata GRM188R61A225K
C2
2.2
µF, 6.3V, X5R, 0603
Murata GRM188R60J225K
C4
4.7
µF, 25V, X5R, 0805
Murata GRM21BR61E475K
C6
4.7
µF, 10V, X5R, 0603
Murata GRM188R61A475K
Murata website: www.murata.com
THRM
DCI
STAT2
STAT1
USEL
DC
DCLV
BATT
PON
USB
DCOK
C1
2.2
µF
EN
R2
NTC
Thermistor
10k
Ω at 25 C
Q2
55m
Ω
D1 500mA
Schottky Diode
To System
Load
Li+
Cell
500mA
100mA
R3
1k
Ω
REF
Q1
55m
Ω
C2
2.2
µF
R1
10k
Ω
OVP up to 18V
Charging up to 6V
USB
Input
R4
1k
Ω
UOK
C3
0.1
µF
R5
10k
Ω
C5
0.1
µF
Q3
55m
Ω
D2 500mA
Schottky Diode
C6
4.7
µF
C4
4.7
µF
°
Designation
Description
C1
2.2
µF, 10V, X5R, 0603
Murata GRM188R61A225K
C2
2.2
µF, 6.3V, X5R, 0603
Murata GRM188R60J225K
C4
4.7
µF, 25V, X5R, 0805
Murata GRM21BR61E475K
C6
4.7
µF, 10V, X5R, 0603
Murata GRM188R61A475K
Murata website: www.murata.com
D2 500mA
Schottky
Diode
THRM
DCI
STAT2
STAT1
USEL
DC
DCLV
BATT
PON
USB
DCOK
C1
2.2
µF
EN
R2
NTC
Thermistor
10k
Ω at 25 C
Q2
55m
Ω
D1 500mA
Schottky Diode
To System
Load
Li+
Cell
500mA
100mA
R3
1k
Ω
REF
Q1
55m
Ω
C2
2.2
µF
R1
10k
Ω
OVP up to 18V
Charging up to
6V
USB
Input
R4
1k
Ω
UOK
C3
0.1
µF
C5
0.1
µF
C6
4.7
µF
C4
4.7
µF
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com