Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3200 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL3200
Description  Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3200 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL3200 Datasheet HTML 1Page - Anpec Electronics Coropration APL3200 Datasheet HTML 2Page - Anpec Electronics Coropration APL3200 Datasheet HTML 3Page - Anpec Electronics Coropration APL3200 Datasheet HTML 4Page - Anpec Electronics Coropration APL3200 Datasheet HTML 5Page - Anpec Electronics Coropration APL3200 Datasheet HTML 6Page - Anpec Electronics Coropration APL3200 Datasheet HTML 7Page - Anpec Electronics Coropration APL3200 Datasheet HTML 8Page - Anpec Electronics Coropration APL3200 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Apr., 2009
APL3200
www.anpec.com.tw
2
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
DC, DCOK to GND
-0.3 ~ 20
V
DCLV, USB, BATT, UOK, PON, STAT1, STAT2, EN,
USEL to GND
-0.3 ~ 7
V
VBYP
BYP to GND
-0.3 ~ 7
V
DCI, THRM, REF to GND
-0.3 ~ VBYP+0.3V
V
Continuous DCLV Input Current
1.6
A
Continuous USB Input Current
0.6
A
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
°C
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance
(Note 2)
QFN5x5-16
TQFN4x4-16
40
°C/W
Recommended Operating Conditions
Symbol
Parameter
Range
Unit
VDC
DC Input Voltage (with OVP Protection)
4.35 ~ 18
V
VDC, VDCLV
DCLV Input Voltage (without OVP Protection)
4.35 ~ 6.0
V
VUSB
USB Input Voltage
4.35 ~ 6.5
V
Note 2 :
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed pad
of QFN-16 is soldered directly on the PCB.
APL3200
Package Code
QA : QFN5x5-16
QB : TQFN4x4-16
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Handling Code
Temperature Range
Package Code
APL3200 QA/QB:
APL3200
XXXXX
XXXXX - Date Code
Assembly Material



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com