Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR3101 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APR3101
Description  Micropower Microprocessor Reset Circuit with Manual Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APR3101 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APR3101 Datasheet HTML 1Page - Anpec Electronics Coropration APR3101 Datasheet HTML 2Page - Anpec Electronics Coropration APR3101 Datasheet HTML 3Page - Anpec Electronics Coropration APR3101 Datasheet HTML 4Page - Anpec Electronics Coropration APR3101 Datasheet HTML 5Page - Anpec Electronics Coropration APR3101 Datasheet HTML 6Page - Anpec Electronics Coropration APR3101 Datasheet HTML 7Page - Anpec Electronics Coropration APR3101 Datasheet HTML 8Page - Anpec Electronics Coropration APR3101 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - Feb., 2004
APR3101/2/3
www.anpec.com.tw
2
Ordering and Marking Information
Package Code
B : SOT-23-5
Temp. Range
I : -40 to 85 C
Handling Code
TR : Tape & Reel
Voltage Code :
15 : 1.5V ~ 50 : 5.0V
Lead Free Code
L : Lead Free Device
Blank : Original Device
APR3101/2/3 -
Handling Code
Temp. Range
Package Code
Voltage Code
Date Code
X X
Voltage Code
A1/2/3
APR3101/2/3 B :
A:1.5V B:1.75V C:2.32V D:2.63V E:2.93V F:3.08V G:3.9V H:4.38V
Lead Free Code
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VCC
VCC to GND
-0.3 to 6
V
RESET to GND (Push-Pull Output)
-0.3 to VCC +0.3
VRESET
RESET to GND (Open Drain Output)
-0.3 to 6
V
ICC, IMR
Maximum Continuous Input Current
20
mA
IRESET
RESET/RESET Current
20
mA
dVcc/dt
Rate of Rise of VCC
100
V/
µs
TJ
Junction Temperature Range
-40 to 150
°C
TL
Lead Temperature (Soldering, 10 second)
260
°C
RTH,JA
Thermal Resistance – Junction to Ambient
357
°C/W
PD
Power Dissipation
Internally Limited
W
TSTG
Storage Temperature Range
-65 to +150
°C
Pin Function Descrpition
PIN
No.
Name
Description
1
GND
Ground connection
2
NC
No internal connection
RESET
(APR3101/3)
RESET output remains low while VCC is below the reset threshold and remains
so for a fixed time period after VCC raises above the reset threshold.
3
RESET
(APR3102)
RESET output remains high while VCC is below the reset threshold and remains
so for a fixed time period after VCC raises above the reset threshold.
4
MR
Manual Reset active low input.
A logic low signal on MR asserts a reset
condition.
Asserted reset continues as long as MR is low and for a fixed time
period after MR returns high.
5
VCC
Supply Voltage (+1.2V to +6V)
Note: The pin sequence here might not be correct for all different package types, and please refer pin
configuration in page1 for correct pin assignment.
°
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com