Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR3101 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APR3101
Description  Micropower Microprocessor Reset Circuit with Manual Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APR3101 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APR3101 Datasheet HTML 1Page - Anpec Electronics Coropration APR3101 Datasheet HTML 2Page - Anpec Electronics Coropration APR3101 Datasheet HTML 3Page - Anpec Electronics Coropration APR3101 Datasheet HTML 4Page - Anpec Electronics Coropration APR3101 Datasheet HTML 5Page - Anpec Electronics Coropration APR3101 Datasheet HTML 6Page - Anpec Electronics Coropration APR3101 Datasheet HTML 7Page - Anpec Electronics Coropration APR3101 Datasheet HTML 8Page - Anpec Electronics Coropration APR3101 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - Feb., 2004
APR3101/2/3
www.anpec.com.tw
4
Part Number
Part Description
APR3101
Reset Output Push Pull Active Low with Delay
APR3102
Reset Output Push Pull Active High with Delay
APR3103
Reset Output Open Drain Active Low with Delay
APR3101/2/3
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
1.2
6
V
ICC
Supply Current
VCC=1.5V~6V
1.5
4
µA
T A=-40 to 85°C
3
5
T A=25°C
±1.5%
VTH
Reset Threshold
T A=-40 to 85°C
±2%
VHYST
Hysteresis Range
20
mV
TRTP
Reset Timeout Period
150
250
350
ms
VOL
Reset Output Low
ISINK=1.2mA
0.5
V
VOH
Reset Output High
ISOURCE=0.6mA
0.8*VCC
TD
VCC to Reset Delay
VCC=VTH to (VTH-100mV)
25
µS
ILE
Reset Output Leakage
0.5
µA
TMPW
MR Minimum Pulse Width
10
µS
TMRD
MR to Reset Delay
0.5
µS
VMIL
MR Input Low Threshold
0.4* VCC
V
VMIH
MR Input High Threshold
0.5* VCC
RMR
MR Pull-Up resistance
30
47
70
K
Ω
Application Circuit
VCC
VCC
GND
100k
APR3103 RESET
RESET
INPUT
µP
VCC
GND
Part Number Description
Electrical Characteristics
VIN = 5V, TA = -40 to 85
°C unless otherwise noted. Typical values are at TA=25°C, VCC = 5V for 4.38V
versions, VCC = 3.3V for 3.08/2.93V versions, VCC = 3.0V for 2.63V. versions and VCC = 2.5V for 2.32V
versions, VCC = 2.0V for 1.75V versions , VCC = 1.8V for 1.5V versions.
VCC
VCC
GND
RESET
(RESET)
RESET
INPUT
µP
VCC
GND
APR3101
APR3102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com