Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02CZ2.7 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 02CZ2.7
Description  TOSHIBA Zenzer Diode Silicon Epitaxial Planar Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

02CZ2.7 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  02CZ2.7 Datasheet HTML 1Page - Toshiba Semiconductor 02CZ2.7 Datasheet HTML 2Page - Toshiba Semiconductor 02CZ2.7 Datasheet HTML 3Page - Toshiba Semiconductor 02CZ2.7 Datasheet HTML 4Page - Toshiba Semiconductor 02CZ2.7 Datasheet HTML 5Page - Toshiba Semiconductor 02CZ2.7 Datasheet HTML 6Page - Toshiba Semiconductor 02CZ2.7 Datasheet HTML 7Page - Toshiba Semiconductor 02CZ2.7 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
02CZ2.0~02CZ47
2007-11-01
4
Zener Voltage Classification
Zener Voltage VZ (V) t=30ms IZ = 5mA
Type No.
Min
Max
02CZ6.2-X
X
5.80
6.20
02CZ6.2-Y
Y
6.00
6.39
02CZ6.2-Z
Z
6.19
6.60
02CZ6.8-X
X
6.40
6.80
02CZ6.8-Y
Y
6.60
7.02
02CZ6.8-Z
Z
6.82
7.20
02CZ7.5-X
X
7.00
7.43
02CZ7.5-Y
Y
7.23
7.66
02CZ7.5-Z
Z
7.46
7.90
02CZ8.2-X
X
7.70
8.16
02CZ8.2-Y
Y
7.96
8.43
02CZ8.2-Z
Z
8.23
8.70
02CZ9.1-X
X
8.50
9.00
02CZ9.1-Y
Y
8.80
9.30
02CZ9.1-Z
Z
9.10
9.60
02CZ10-X
X
9.40
9.93
02CZ10-Y
Y
9.73
10.26
02CZ10-Z
Z
10.06
10.60
02CZ11-X
X
10.40
10.98
02CZ11-Y
Y
10.73
11.26
02CZ11-Z
Z
11.06
11.60
02CZ12-X
X
11.40
11.93
02CZ12-Y
Y
11.73
12.26
02CZ12-Z
Z
12.06
12.60
02CZ13-X
X
12.40
13.08
02CZ13-Y
Y
12.88
13.57
02CZ13-Z
Z
13.37
14.10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com