Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02CZ2.7 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 02CZ2.7
Description  TOSHIBA Zenzer Diode Silicon Epitaxial Planar Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

02CZ2.7 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  02CZ2.7 Datasheet HTML 1Page - Toshiba Semiconductor 02CZ2.7 Datasheet HTML 2Page - Toshiba Semiconductor 02CZ2.7 Datasheet HTML 3Page - Toshiba Semiconductor 02CZ2.7 Datasheet HTML 4Page - Toshiba Semiconductor 02CZ2.7 Datasheet HTML 5Page - Toshiba Semiconductor 02CZ2.7 Datasheet HTML 6Page - Toshiba Semiconductor 02CZ2.7 Datasheet HTML 7Page - Toshiba Semiconductor 02CZ2.7 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
02CZ2.0~02CZ47
2007-11-01
3
Zener Voltage Classification
Zener Voltage VZ (V) t = 30ms IZ = 5mA
Type No.
Min
Max
02CZ2.0-X
X
1.85
2.05
02CZ2.0-Z
Z
1.95
2.15
02CZ2.2-X
X
2.05
2.26
02CZ2.2-Z
Z
2.16
2.38
02CZ2.4-X
X
2.28
2.50
02CZ2.4-Z
Z
2.40
2.60
02CZ2.7-X
X
2.50
2.75
02CZ2.7-Z
Z
2.65
2.90
02CZ3.0-X
X
2.80
3.05
02CZ3.0-Z
Z
2.95
3.20
02CZ3.3-X
X
3.10
3.35
02CZ3.3-Z
Z
3.25
3.50
02CZ3.6-X
X
3.40
3.65
02CZ3.6-Z
Z
3.55
3.80
02CZ3.9-X
X
3.70
3.97
02CZ3.9-Z
Z
3.87
4.10
02CZ4.3-X
X
4.00
4.23
02CZ4.3-Y
Y
4.13
4.35
02CZ4.3-Z
Z
4.25
4.50
02CZ4.7-X
X
4.40
4.63
02CZ4.7-Y
Y
4.53
4.76
02CZ4.7-Z
Z
4.66
4.90
02CZ5.1-X
X
4.80
5.07
02CZ5.1-Y
Y
4.97
5.24
02CZ5.1-Z
Z
5.14
5.40
02CZ5.6-X
X
5.30
5.63
02CZ5.6-Y
Y
5.43
5.81
02CZ5.6-Z
Z
5.61
6.00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com