Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2907AUB0SW35 Datasheet(PDF) 11 Page - STMicroelectronics

Part # 2N2907AUB0SW35
Description  Hi-Rel 60 V, 0.6 A PNP transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2907AUB0SW35 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button 2N2907AUB0SW35 Datasheet HTML 7Page - STMicroelectronics 2N2907AUB0SW35 Datasheet HTML 8Page - STMicroelectronics 2N2907AUB0SW35 Datasheet HTML 9Page - STMicroelectronics 2N2907AUB0SW35 Datasheet HTML 10Page - STMicroelectronics 2N2907AUB0SW35 Datasheet HTML 11Page - STMicroelectronics 2N2907AUB0SW35 Datasheet HTML 12Page - STMicroelectronics 2N2907AUB0SW35 Datasheet HTML 13Page - STMicroelectronics 2N2907AUB0SW35 Datasheet HTML 14Page - STMicroelectronics 2N2907AUB0SW35 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
DocID15382 Rev 6
11/21
2N2907AHR
Radiation hardness assurance
21
Table 8. ESCC 5202/001R post radiation electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
CBO
Collector cut-off
current (I
E
= 0)
V
CB
= 50 V
-
10
nA
I
EBO
Emitter cut-off current
(I
C
= 0)
V
EB
= 3 V
-
10
nA
V
(BR)CBO
Collector-base
breakdown voltage
(I
E
= 0)
I
C
= 10 μA60
-
V
V
(BR)CEO
(1)
1.
Pulsed duration = 300 μs, duty cycle
≤ 2%
Collector-emitter
breakdown voltage
(I
B
= 0)
I
C
= 10 mA
60
-
V
V
V
(BR)EBO
Emitter-base
breakdown voltage
(I
C
= 0)
I
E
= 10 μA5
-
V
V
CE(sat)
(1)
Collector-emitter
saturation voltage
I
C
= 150 mA
I
B
= 15 mA
-
0.4
V
V
BE(sat)
(1)
Base-emitter
saturation voltage
I
C
= 150 mA
I
B
= 15 mA
1.3
V
[h
FE
]
(1)
Post irradiation gain
calculation
(2)
2.
The post-irradiation gain calculation of [h
FE
], made using h
FE
measurements from prior to and on
completion of irradiation testing and after each annealing step if any, shall be as specified in MILSTD-750
method 1019.
I
C
= 0.1 mA
V
CE
= 10 V
I
C
= 10 mA
V
CE
= 10 V
I
C
= 150 mA
V
CE
= 10 V
I
C
= 500 mA
V
CE
= 10 V
[75]
[100]
[100]
[50]
-
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com