Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2907AUB0SW35 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2N2907AUB0SW35
Description  Hi-Rel 60 V, 0.6 A PNP transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2907AUB0SW35 Datasheet(HTML) 3 Page - STMicroelectronics

  2N2907AUB0SW35 Datasheet HTML 1Page - STMicroelectronics 2N2907AUB0SW35 Datasheet HTML 2Page - STMicroelectronics 2N2907AUB0SW35 Datasheet HTML 3Page - STMicroelectronics 2N2907AUB0SW35 Datasheet HTML 4Page - STMicroelectronics 2N2907AUB0SW35 Datasheet HTML 5Page - STMicroelectronics 2N2907AUB0SW35 Datasheet HTML 6Page - STMicroelectronics 2N2907AUB0SW35 Datasheet HTML 7Page - STMicroelectronics 2N2907AUB0SW35 Datasheet HTML 8Page - STMicroelectronics 2N2907AUB0SW35 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DocID15382 Rev 6
3/21
2N2907AHR
Electrical ratings
21
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
CBO
Collector-base voltage (I
E
= 0)
-60
V
V
CEO
Collector-emitter voltage (I
B
= 0)
-60
V
V
EBO
Emitter-base voltage (I
C
= 0)
-5
V
I
C
Collector current
for TO-18
for LCC-3 and UB
-0.6
-0.5
A
A
P
TOT
Total dissipation at T
amb
≤ 25 °C
ESCC:
TO-18
LCC-3 and UB
LCC-3 and UB
(1)
JANS:
UB
Total dissipation at T
case
≤ 25 °C
ESCC:
TO-18
1.
When mounted on a 15 x 15 x 0.6 mm ceramic substrate.
0.4
0.4
0.73
0.5
1.8
W
Total dissipation at T
sp(IS)
= 25 °C
JANS:
UB
1
T
stg
Storage temperature
-65 to 200
°C
T
J
Max. operating junction temperature
200
°C
Table 3. Thermal data
Symbol
Parameter
LCC-3
UB
TO-18
Unit
R
thJC
Thermal resistance junction-case (max) for JANS
-
-
°C/W
Thermal resistance junction-case (max) for
ESCC
-97
Rt
hJSP(IS)
Thermal resistance junction-solder pad (infinite
sink) (max)
for JANS
90
-
Thermal resistance junction-solder pad (infinite
sink) (max)
for ESCC
--
R
thJA
Thermal resistance junction-ambient (max) for
JANS
325
-
Thermal resistance junction-ambient (max) for
ESCC
437
240
(1)
1.
When mounted on a 15 x 15 x 0.6 mm ceramic substrate.
437



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com