Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETRX2CF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ETRX2CF
Description  ETRX2 ??(ZigBee Technology) Wireless Mesh Networking Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ETRX2CF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ETRX2CF Datasheet HTML 1Page - List of Unclassifed Manufacturers ETRX2CF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product and Company names and logos referenced may either be trademarks or registered trademarks of their respective companies. All information is correct at time of
issue. Telegesis reserves the right to make modifications and/or improvements without prior notification. Telegesis does not convey any license under its patent rights or
assume any responsibility for the use of the described product.
© 2008 Telegesis
ZigBee Technology ETRX2 based products
www.telegesis.com
EAP-E - Ethernet Access Point (below)
To accompany the Telegesis ETRX2 wireless mesh networking
modules the EAP-E Ethernet Access Points offer an easy way to
interact with remote ZigBee networks using Ethernet.
Via Telnet, or a virtual COM port, the Telegesis AT-Command
interface - based on the EmberZNet meshing stack - can be
easily accessed by the application software. Custom firmware
development is also supported.
ETRX2DVKA - Development Kit (below)
This ETRX2 Development Kit provides genuine quick and easy,
out-of-the-box construction of a working mesh network. Using the
comprehensive AT-style Command Dictionary and the simple to
use Telegesis Terminal software package provided, it should take
less than half an hour to set up a three-way mesh network and to
begin detailed, in-depth assessment of the latest EmberZNet
meshing technology. Kit includes three ETRX2 modules.
New Module Carrier Boards now have temperature and light
sensor plus SIF interface.
Router-E (above)
To accompany the Telegesis ETRX2 wireless mesh networking
modules the Router-E offers an easy way to extend the range of
ZigBee networks. Acts as a “router” which enables increased
distance between nodes in a ZigBee network.
ETRX2DVKA-Plus - upgraded Development Kit (above)
The Development Kit provides genuine quick and easy, out-of-
the-box evaluation and application development, based on the
Telegesis wireless meshing modules. Kit contents as per
ETRX2DVKA Plus:-
ZigBee USB stick
Power amplified module mounted on carrier board
Power amplified module with external antenna connector
½ wave antenna and cable for above
Experiment using the power amplified ETRX2-PA modules with
their greatly extended range.
ETRX2CF - CF Card
Telegesis has used the ETRX2 Module to
provide a portable handheld unit able to
communicate with other modules in the
field.
Can be used in a PDA with a CF slot or in a
laptop computer with a PCMCIA/CF
adaptor. Contains an ETRX2 module and
therefore all the usual Telegesis AT-style
Commands available via a virtual com port.
ETRX2-PA - Power Amplified Mesh Module
The Telegesis ETRX2-PA offers boosted output power whilst
being a drop in replacement for the standard ETRX2. Care was
taken to retain the low deep sleep current to make this module
ideally suited for battery operated end devices with the lowest
transmit current in its class.
ETRX2USB - USB Stick
Based on the ETRX2 module, the
USB stick allows a PC/Server to
monitor and control devices in a
ZigBee network. The USB stick acts
as a virtual com port in Windows and
is controlled by the Telegesis AT-
Style Commands.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com