Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETRX2CF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ETRX2CF
Description  ETRX2 ??(ZigBee Technology) Wireless Mesh Networking Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ETRX2CF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ETRX2CF Datasheet HTML 1Page - List of Unclassifed Manufacturers ETRX2CF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODULE FEATURES
Small form factor, SMT module 37.5 x 20.5mm.
Optional board-to-board or board-to-cable connector.
3 antenna options: Integrated ceramic antenna, Hirose
U.FL coaxial connector or single port 50
 pad.
XAP16b microcontroller with non-intrusive debug
interface (SIF).
128k flash and 5kbytes of SRAM.
UART interface with DMA.
Wide supply voltage range (2.1 to 3.6V).
Module ships with standard Telegesis AT-style
software interface based on the EmberZnet 2.xx
meshing stack.
Can act as an End Device, Router or Coordinator.
12 general-purpose I/O lines and 2 analogue inputs (all
17 GPIOs of the EM250 are accessible).
Supports 4 different power modes for extended battery
life.
Current consumption below 1uA in deep sleep mode
with self wakeup.
Firmware upgrades via RS232 or over the air
(password protected).
Hardware supported encryption (AES-128).
Tested for CE and FCC compliance (with integrated
antenna), FCC modular approval.
Operating temperature range: -40
°C to +85°C.
Future Options: On board, low power voltage regulator,
DC/DC regulator and watch crystal.
RADIO FEATURES
Based on the Ember EM250 single chip ZigBee /
IEEE802.15.4 solution.
2.4GHz ISM Band.
250kbit/s over the air data rate – NB Actual usable data
throughput with ZigBee is about 20kbps.
16 channels (802.15.4 Channel 11 to 26).
+3dBm output power (+5dBm in boost mode).
High sensitivity of -98dBm typ. at 1% packet error rate.
Hardware acceleration for IEEE 802.15.4 compliant
transmissions.
ETRX2 – (ZigBee Technology)
Wireless Mesh Networking Module
The Telegesis ETRX2 module is a low power, 2.4GHz ISM band
transceiver, based upon the Ember EM250 single chip ZigBee /
IEEE802.15.4 solution and EmberZNet 2.xx meshing technology.
Designed for integration into any device without the need for RF
expertise the ETRX2 enables you to add powerful wireless networking
capability to your products and bring them quickly to market. The
comprehensive Telegesis AT command line interface allows for quick
integration without complex software engineering.
SUGGESTED APPLICATIONS
AMR – Automatic Meter Reading.
Wireless Alarms and Security.
Home/Building Automation.
Wireless Sensor Networks.
M2M Industrial Controls.
Future ZigBee systems.
PC Peripherals.
IEEE 802.15.4 Systems.
Item Tracking.
DEVELOPMENT KITS
Two complementary development kits consisting of three
or five modules and a single development board with USB
connectivity and I/O breakouts.
AT-style software interface command dictionary can be
modified for high volume customers.
Custom software development available upon request.
EXAMPLE AT-STYLE COMMANDS
AT+BCAST
Sends a Broadcast
AT+UCAST:<address>
Sends a Unicast
AT+EN
Establish PAN network
Unlike many other module command layers the Telegesis AT-
Style command set fully mirrors the functionality of the
EmberZNet mesh networking stack. With the ETRX2 module
there is therefore no requirement for any embedded firmware
expertise when engineering your mesh networking solution.
The ETRX2 is available in Power Amplified form.
Please see reverse of page for product range.


Similar Part No. - ETRX2CF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ETRX2-PA ETC2-ETRX2-PA Datasheet
771Kb / 33P
ETRX2-PA and ETRX2HR-PA ZIGBEE MODULES PRODUCT MANUAL
More results

Similar Description - ETRX2CF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DK-EM2-2520Z TI-DK-EM2-2520Z Datasheet
91Kb / 2P
2.4 GHz ZigBee Wireless Networking on Stellaris짰
logo
RF Monolithics, Inc
ZPM3570-E RFM-ZPM3570-E Datasheet
1Mb / 18P
ZigBee Pro Module
logo
List of Unclassifed Man...
ETRX2-PA ETC2-ETRX2-PA Datasheet
771Kb / 33P
ETRX2-PA and ETRX2HR-PA ZIGBEE MODULES PRODUCT MANUAL
logo
Texas Instruments
CC2620 TI1-CC2620 Datasheet
1Mb / 52P
SimpleLink ZigBee RF4CE Wireless MCU
CC2630 TI1-CC2630 Datasheet
1Mb / 59P
6LoWPAN, ZigBee Wireless MCU
logo
Cooper Bussmann, Inc.
915U-2 COOPER-915U-2 Datasheet
101Kb / 3P
915U-2 Wireless Mesh Networking I/O and Gateway
logo
Laird Tech Smart Techno...
ODXXM LSTD-ODXXM Datasheet
1Mb / 2P
Mesh networking applications
logo
Silicon Laboratories
SLWRB4300B SILABS-SLWRB4300B Datasheet
972Kb / 4P
MGM111 Mighty Gecko Mesh Networking Module Data Short
logo
List of Unclassifed Man...
E18-MS1-PCB ETC1-E18-MS1-PCB Datasheet
935Kb / 15P
CC2530 2.4GHz ZigBee SMD wireless module
logo
Silicon Laboratories
MGM111 SILABS-MGM111 Datasheet
5Mb / 85P
MGM111 Mighty Gecko Mesh Networking Module
Rev. 1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com