Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6132HCU/TR Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6132HCU/TR
Description  High Voltage, 300KHz Synchronous PWM Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6132HCU/TR Datasheet(HTML) 4 Page - Sipex Corporation

  SP6132HCU/TR Datasheet HTML 1Page - Sipex Corporation SP6132HCU/TR Datasheet HTML 2Page - Sipex Corporation SP6132HCU/TR Datasheet HTML 3Page - Sipex Corporation SP6132HCU/TR Datasheet HTML 4Page - Sipex Corporation SP6132HCU/TR Datasheet HTML 5Page - Sipex Corporation SP6132HCU/TR Datasheet HTML 6Page - Sipex Corporation SP6132HCU/TR Datasheet HTML 7Page - Sipex Corporation SP6132HCU/TR Datasheet HTML 8Page - Sipex Corporation SP6132HCU/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Date:2/14/06
SP6132H High Voltage, Synchronous PWM Controller
© Copyright 2006 Sipex Corporation
General Overview
The SP6132H is a fixed frequency, voltage
mode, synchronous PWM controller optimized
for high efficiency. The part has been designed
to be especially attractive for split plane applica-
tions which utilize 5V to power the controller
and 3V to 12V for step down conversion.
The heart of the SP6132H is a wide bandwidth
transconductance amplifier designed to accom-
modate Type II and Type III compensation
schemes. A precision 0.8V reference present on
the positive terminal of the error amplifier per-
mits the programming of the output voltage
down to 0.8V via the VFB pin. The output of the
error amplifier, COMP, compared to a 1.1V
peak-to-peak ramp is responsible for trailing
edge PWM control. This voltage ramp and PWM
control logic are governed by the internal oscil-
lator that accurately sets the PWM frequency to
300kHz.
FUNCTIONAL DIAGRAM
THEORY OF OPERATION
The SP6132H contains two unique control fea-
tures that are very powerful in distributed appli-
cations. First, asynchronous driver control is
enabled during start up to prohibit the low side
NFET from pulling down the output until the
high side NFET has attempted to turn on. Sec-
ond, a 100% duty cycle timeout ensures that the
low side NFET is periodically enhanced during
extended periods at 100% duty cycle. This guar-
antees the synchronized refreshing of the BST
capacitor during very large duty ratios.
The SP6132H also contains a number of valu-
able protection features. A programmable input
(VIN) UVLO allows a user to set the exact value
at which the conversion voltage is at a safe point
to begin down conversion, and an internal VCC
UVLO ensures that the controller itself has
enough voltage to properly operate. Other pro-
1.7 V
1.7 V
COMPARATOR
ASYNC. STARTUP
0.4 V
FAULT
CLR
COUNT 20
CLOCK
PULSES
300 kHZ
CLK
CLOCK PULSE GENERATOR
SS
GL HOLD OFF
100% Protection Logic
Q
R
S
RESET
DOMINANT
QPWM
CLK
SYNCHRONOUS
DRIVER
GND
3
2 GL
PWM LOOP
5 COMP
POS REF
FAULT
1
7
0.8V
CORE
REFERENCE
V
CC
FAULT
SOFTSTART INPUT
RAMP = 1.1V
VFBINT
VPOS
Gm
Gm ERROR AMPLIFIER
9 GH
8 SWN
10 BST
VFB
SS
10 µA
VCC
VCC
VCC
FAULT
REF OK
FAULT
POWER FAULT
HICCUP FAULT
REF OK
VIN UVLO
VCC UVLO
2.50 VON
2.20 V OFF
6
UVIN
4.25 V ON
4.05 V OFF
Q
VCC
REF OK
200ms Delay
COUNTER
CLR
CLK
R
SET
DOMINANT
S
+
-
THERMAL
SHUTDOWN
145 ˚C ON
135 ˚C OFF
SHORT CIRCUIT
DETECTION
VFBINT
+ -
VPOS
0.25 V
THERMAL AND SHORT CIRCUIT PROTECTION
UVLO COMPARATORS
+
-
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com