Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6132HCU/TR Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6132HCU/TR
Description  High Voltage, 300KHz Synchronous PWM Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6132HCU/TR Datasheet(HTML) 1 Page - Sipex Corporation

  SP6132HCU/TR Datasheet HTML 1Page - Sipex Corporation SP6132HCU/TR Datasheet HTML 2Page - Sipex Corporation SP6132HCU/TR Datasheet HTML 3Page - Sipex Corporation SP6132HCU/TR Datasheet HTML 4Page - Sipex Corporation SP6132HCU/TR Datasheet HTML 5Page - Sipex Corporation SP6132HCU/TR Datasheet HTML 6Page - Sipex Corporation SP6132HCU/TR Datasheet HTML 7Page - Sipex Corporation SP6132HCU/TR Datasheet HTML 8Page - Sipex Corporation SP6132HCU/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Date:2/14/06
SP6132H High Voltage, Synchronous PWM Controller
© Copyright 2006 Sipex Corporation
FEATURES
■ 3V to 28V Step Down Achieved Using Dual Input
■ On-Board 1.5Ω sink (2Ω source) NFET Drivers
■ Up to 30A Output Capability
■ Highly Integrated Design, Minimal Components
■ UVLO Detects Both VCC and VIN
■ Short Circuit Protection with Auto-Restart
■ Wide BW Amp Allows Type II or III Compensation
■ Programmable Soft Start
■ Fast Transient Response
■ High Efficiency: Greater than 95% Possible
■ A Synchronous Start-Up into a Pre-Charged Output
■ Small 10-Pin MSOP Package
■ U.S. Patent #6,922,041
DESCRIPTION
The SP6132H is a synchronous step-down switching regulator controller optimized for high efficiency. The part is
designed to be especially attractive for dual supply, 12V step down with 5V used to power the controller. This lower VCC
voltage minimizes power dissipation in the part. The SP6132H is designed to drive a pair of external NFETs using a
fixed 300kHz frequency, PWM voltage mode architecture. Protection features include UVLO, thermal shutdown and
output short circuit protection. The SP6132H is available in the cost and space saving 10-pin MSOP
.
TYPICAL APPLICATION CIRCUIT
4
47nF
2.7µH @ 12A
47µF
68.1k, 1%
VOUT
2.5V
10 A
31.6k, 1%
10µF
221k, 1%
100k, 1%
100pF
1500pF
22pF
27.4k, 1%
FDS7088N3
4
MBR0530
SP6132H
VCC
GL
GND
VFB
COMP
BST
GH
SWN
SS
UVIN
VCC
47µF
4.64k, 1%
220pF
22µF
22µF
GND
VIN
3.0 - 28V
5.11, 1%
1µF
FDS7088N3
0.1µF
VCC
GL
GND
VFB
COMP
SP6132H
10 Pin MSOP
1
2
3
4
5
10
9
8
7
6
BST
GH
SWN
SS
UVIN
Now Available in Lead Free Packaging
APPLICATIONS
■ Wireless Base Station
■ Automotive
■ Industrial
■ Power Supply
High Voltage, 300KHz Synchronous PWM Controller
SP6132H


Similar Part No. - SP6132HCU/TR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6132HCU/TR EXAR-SP6132HCU/TR Datasheet
290Kb / 14P
High Voltage, 300KHz Synchronous PWM Controller
More results

Similar Description - SP6132HCU/TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6132 SIPEX-SP6132 Datasheet
314Kb / 14P
Wide Input, 300KHz Synchronous PWM Controller
SP6132H SIPEX-SP6132H Datasheet
264Kb / 14P
High Voltage, 300KHz Synchronous PWM Controller
SP6134H SIPEX-SP6134H Datasheet
141Kb / 14P
High Voltage, 600 KHz Synchronous PWM Controller
logo
International Rectifier
IR3651SPBF IRF-IR3651SPBF Datasheet
1Mb / 19P
HIGH VOLTAGE SYNCHRONOUS PWM BUCK CONTROLLER
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Microsemi Corporation
NX2113 MICROSEMI-NX2113 Datasheet
724Kb / 19P
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2114 MICROSEMI-NX2114 Datasheet
810Kb / 20P
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
NX2124 MICROSEMI-NX2124 Datasheet
517Kb / 17P
300kHz SYNCHRONOUS PWM CONTROLLER
NX2154 MICROSEMI-NX2154 Datasheet
556Kb / 17P
300kHz SYNCHRONOUS PWM CONTROLLER
logo
Exar Corporation
SP6132H EXAR-SP6132H Datasheet
290Kb / 14P
High Voltage, 300KHz Synchronous PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com