Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD538AD Datasheet(PDF) 12 Page - Analog Devices

Part # AD538AD
Description  Real-Time Analog Computational Unit (ACU)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD538AD Datasheet(HTML) 12 Page - Analog Devices

Back Button AD538AD Datasheet HTML 8Page - Analog Devices AD538AD Datasheet HTML 9Page - Analog Devices AD538AD Datasheet HTML 10Page - Analog Devices AD538AD Datasheet HTML 11Page - Analog Devices AD538AD Datasheet HTML 12Page - Analog Devices AD538AD Datasheet HTML 13Page - Analog Devices AD538AD Datasheet HTML 14Page - Analog Devices AD538AD Datasheet HTML 15Page - Analog Devices AD538AD Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AD538
Rev. E | Page 11 of 16
ONE-QUADRANT MULTIPLICATION/DIVISION
Figure 13 shows how the AD538 may be easily configured
as a precision one-quadrant multiplier/divider. The transfer
function VO = VY (VZ/VX) allows three independent input
variables, a calculation not available with a conventional
multiplier. In addition, the 1000:1 (that is, 10 mV to 10 V)
input dynamic range of the AD538 greatly exceeds that of
analog multipliers computing one-quadrant multiplication
and division.
25k
Ω
25k
Ω
100
Ω
25k
Ω
25k
Ω
ANTILOG
LOG
OUTPUT
100
Ω
AD538
IY
A
D
IX
VX
C
IN4148
VY
8
1
1
17
16
15
14
13
12
11
10
2
3
4
5
6
7
8
9
LOG
RATIO
INTERNAL
VOLTAGE
REFERENCE
SIGNAL
GND
PWR
GND
IZ
VZ
VZ
INPUT
VO
I
+15V
–15V
B
+10V
+2V
OUTPUT
VY
INPUT
VX
INPUT
VO = VY
VZ
VX
Figure 13. One-Quadrant Combination Multiplier/Divider
By simply connecting the input, VX (Pin 15) to the 10 V
reference (Pin 4), and tying the log-ratio output at B to the
antilog input at C, the AD538 can be configured as a one-
quadrant analog multiplier with 10 V scaling. If 2 V scaling
is desired, VX can be tied to the 2 V reference.
When the input VX is tied to the +10 V reference terminal, the
multiplier transfer function becomes:
=
V
V
V
V
Z
Y
O
10
As a multiplier, this circuit provides a typical bandwidth of 400 kHz
with values of VX, VY, or VZ varying over a 100:1 range (that is,
100 mV to 10 V). The maximum error with a 100 mV to 10 V
range for the two input variables will typically be +0.5% of
reading. Using the optional Z offset trim scheme, as shown in
Figure 14, this error can be reduced to +0.25% of reading.
By using the 10 V reference as the VY input, the circuit of
Figure 13 is configured as a one-quadrant divider with a fixed
scale factor. As with the one-quadrant multiplier, the inputs
accept only single (positive) polarity signals. The output of the
one-quadrant divider with a +10 V scale factor is:


=
X
Z
O
V
V
V
V
10
The typical bandwidth of this circuit is 370 kHz with 1 V to
10 V denominator input levels. At lower amplitudes, the band-
width gradually decreases to approximately 200 kHz at the
2 mV input level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com