Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD538AD Datasheet(PDF) 15 Page - Analog Devices

Part # AD538AD
Description  Real-Time Analog Computational Unit (ACU)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD538AD Datasheet(HTML) 15 Page - Analog Devices

Back Button AD538AD Datasheet HTML 9Page - Analog Devices AD538AD Datasheet HTML 10Page - Analog Devices AD538AD Datasheet HTML 11Page - Analog Devices AD538AD Datasheet HTML 12Page - Analog Devices AD538AD Datasheet HTML 13Page - Analog Devices AD538AD Datasheet HTML 14Page - Analog Devices AD538AD Datasheet HTML 15Page - Analog Devices AD538AD Datasheet HTML 16Page - Analog Devices AD538AD Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
AD538
Rev. E | Page 14 of 16
25k
Ω
25k
Ω
100
Ω
25k
Ω
25k
Ω
ANTILOG
LOG
OUTPUT
100
Ω
RB
100
Ω *
RC
100
Ω
*
RATIO MATCH 1% METAL FILM
RESISTORS FOR BEST ACCURACY
*
AD538
IY
A
D
IX
VX
C
D1
IN4148
VY
8
1
1
17
16
15
14
13
12
11
10
2
3
4
5
6
7
8
9
LOG
RATIO
INTERNAL
VOLTAGE
REFERENCE
SIGNAL
GND
PWR
GND
IZ
VZ
VO
I
+15V
–15V
B
+10V
+2V
+2V
1k
Ω
100
Ω
SCALE FACTOR
TRIM
1k
Ω
VIN
20k
Ω
20k
Ω
10k
Ω
5k
Ω
OPTIONAL
ABSOLUTE VALUE SECTION
20k
Ω
+VS
VOS
IN4148
AD OP-07
OR
AD811
(VOS TAP
TO –VS)
IN4148
–VS
2
7
1
8
6
4
3
VIN
1V
VO = 1V
VO
Figure 17. Square Root Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com