Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02HSZ Datasheet(PDF) 6 Page - Analog Devices

Part # REF02HSZ
Description  Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF02HSZ Datasheet(HTML) 6 Page - Analog Devices

Back Button REF02HSZ Datasheet HTML 2Page - Analog Devices REF02HSZ Datasheet HTML 3Page - Analog Devices REF02HSZ Datasheet HTML 4Page - Analog Devices REF02HSZ Datasheet HTML 5Page - Analog Devices REF02HSZ Datasheet HTML 6Page - Analog Devices REF02HSZ Datasheet HTML 7Page - Analog Devices REF02HSZ Datasheet HTML 8Page - Analog Devices REF02HSZ Datasheet HTML 9Page - Analog Devices REF02HSZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REF01/REF02/REF03
Rev. K | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Input Voltage
36.0 V
Output Short Circuit Duration
Indefinite
Operating Temperature Range
REF01A, REF02A
−55°C to +125°C
REF01CP, REF01CS, REF01E, REF01H,
REF02CP, REF02CS, REF02E, REF02H,
REF03G
−40°C to +85°C
REF01CJ
0°C to +70°C
Storage Temperature Range
-J, -S, -Z and -RC Packages
−65°C to +150°C
-P Package
−65°C to +125°C
Junction Temperature Range (TJ)
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
8-lead SOIC (S)
130
43
°C/W
8-lead PDIP (P)
110
50
°C/W
8-lead CERDIP (Z)
162
26
°C/W
TO-99 (J)
170
24
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com