Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02HSZ Datasheet(PDF) 7 Page - Analog Devices

Part # REF02HSZ
Description  Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF02HSZ Datasheet(HTML) 7 Page - Analog Devices

Back Button REF02HSZ Datasheet HTML 3Page - Analog Devices REF02HSZ Datasheet HTML 4Page - Analog Devices REF02HSZ Datasheet HTML 5Page - Analog Devices REF02HSZ Datasheet HTML 6Page - Analog Devices REF02HSZ Datasheet HTML 7Page - Analog Devices REF02HSZ Datasheet HTML 8Page - Analog Devices REF02HSZ Datasheet HTML 9Page - Analog Devices REF02HSZ Datasheet HTML 10Page - Analog Devices REF02HSZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REF01/REF02/REF03
Rev. K | Page 7 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
REF01/
REF02/
REF03
TOP VIEW
(Not to Scale)
NC
1
VIN 2
TEMP 3
GND 4
NC
NC
VOUT
TRIM
8
7
6
5
Figure 4. 8-Lead PDIP (P-Suffix), 8-Lead CERDIP (Z-Suffix), 8-Lead SOIC (S-Suffix) Pin Configuration
Table 4. Pin Function Descriptions—PDIP, CERDIP, and SOIC Packages
Pin No.
Mnemonic
Description
1, 7, 8
NC
No Internal Connection. Leave floating or tied to ground in actual application.
2
VIN
Supply Voltage Input.
3
TEMP
Temperature (Band Gap) Output. Refer to the Temperature Monitoring section.
4
GND
Ground Connection.
5
TRIM
Output Voltage Trim. Refer to the Output Adjustment section.
6
VOUT
Reference Voltage Output.
1
2
3
4
5
6
7
8
NC
GROUND
(CASE)
NC
VIN
VOUT
NC
NC
TRIM
REF01/
REF02/
REF03
Figure 5. 8-Lead TO-99 (J-Suffix) Pin Configuration
Table 5. Pin Function Descriptions—8-Lead TO-99 Package
Pin No.
Mnemonic
Description
1, 3, 7, 8
NC
No Internal Connection. Leave floating or tied to ground in actual application.
2
VIN
Supply Voltage Input.
4
GND
Ground Connection.
5
TRIM
Output Voltage Trim. Refer to the Output Adjustment section.
6
VOUT
Reference Voltage Output.
4
NC
5
VIN
6
NC
7
TEMP
8
NC
18
NC
17
NC
16
NC
15
VOUT
14
NC
19
20
1
2
3
13
12
11
10
9
REF01/
REF02
TOP VIEW
(Not to Scale)
Figure 6. 20-Terminal LCC (RC-Suffix) Pin Configuration
Table 6. Pin Function Descriptions—20-Terminal LCC Package
Terminal No.
Mnemonic
Description
1 to4, 6, 8, 9, 11,
13, 14, 16 to 20
NC
No Internal Connection. Leave floating or tied to ground in actual application.
5
VIN
Supply Voltage Input.
7
TEMP
Temperature (Band Gap) Output. Refer to the Temperature Monitoring section.
10
GND
Ground Connection.
12
TRIM
Output Voltage Trim. Refer to the Output Adjustment section.
15
VOUT
Reference Voltage Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com