Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD810ARZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD810ARZ
Description  Low Power Video Op Amp with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810ARZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD810ARZ Datasheet HTML 8Page - Analog Devices AD810ARZ Datasheet HTML 9Page - Analog Devices AD810ARZ Datasheet HTML 10Page - Analog Devices AD810ARZ Datasheet HTML 11Page - Analog Devices AD810ARZ Datasheet HTML 12Page - Analog Devices AD810ARZ Datasheet HTML 13Page - Analog Devices AD810ARZ Datasheet HTML 14Page - Analog Devices AD810ARZ Datasheet HTML 15Page - Analog Devices AD810ARZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD810
REV. A
–13–
of the disable the disable pin for
±5 V supplies. If driven by
complementary output CMOS logic (such as the 74HC04), the
disable time (until the output goes high impedance) is about
100 ns and the enable time (to low impedance output) is about
170 ns on
±5 V supplies. The enable time can be extended to
about 750 ns by using open drain logic such as the 74HC05.
When operated on
±15 V supplies, the AD810 disable pin may
be driven by open drain logic such as the 74C906. In this case,
adding a 10 k
Ω pull-up resistor from the disable pin to the plus
supply will decrease the enable time to about 150 ns. If there is
a nonzero voltage present on the amplifier's output at the time it
is switched to the disabled state, some additional decay time will
be required for the output voltage to relax to zero. The total
time for the output to go to zero will generally be about 250 ns
and is somewhat dependent on the load impedance.
OPERATION AS A VIDEO LINE DRIVER
The AD810 is designed to offer outstanding performance at
closed-loop gains of one or greater. At a gain of 2, the AD810
makes an excellent video line driver. The low differential gain
and phase errors and wide –0.1 dB bandwidth are nearly
independent of supply voltage and load (as seen in Figures 49
and 50).
AD810
75
Ω
7
3
2
3
0.1µF
+VS
6
–VS
4
0.1µF
VIN
VOUT
715
Ω
75
Ω
CABLE
75
Ω
75
Ω
75
Ω
CABLE
715
Ω
Figure 47. A Video Line Driver Operating at a Gain of +2
GAIN = +2
RL = 150Ω
±2.5V
VS = ±15V
±5V
±2.5V
PHASE
GAIN
0
–5
10
100
–1
–2
–3
–4
1
1
1000
0
–45
–90
–135
–180
–225
–270
FREQUENCY – MHz
±5V
VS = ±15V
Figure 48. Closed-Loop Gain and Phase vs. Frequency,
G = +2, RL = 150, RF = 715 Ω
0.10
0
15
0.03
0.01
6
0.02
5
0.06
0.04
0.05
0.07
0.08
0.09
14
13
12
11
10
9
8
7
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
GAIN
PHASE
GAIN = +2
RF = 715Ω
RL = 150Ω
fC = 3.58MHz
100 IRE
MODULATED RAMP
SUPPLY VOLTAGE – ± Volts
Figure 49. Differential Gain and Phase vs. Supply Voltage
100k
1M
100M
10M
+0.1
0
–0.1
–0.1
0
+0.1
FREQUENCY – Hz
RL = 150Ω
RL= 1k
±15V
±5V
±15V
±5V
±2.5
±2.5
Figure 50. Fine-Scale Gain (Normalized) vs. Frequency
for Various Supply Voltages, Gain = +2, RF = 715 Ω
110
40
20
2
30
70
50
60
80
90
100
18
16
14
12
10
8
6
4
SUPPLY VOLTAGE - ±Volts
PEAKING
1.0dB
PEAKING
0.1dB
G = +2
RL = 150Ω
VO = 250mV p-p
RF = 500
RF = 750
RF = 1k
≤
≤
Figure 51. –3 dB Bandwidth vs. Supply Voltage,
Gain = +2, RL = 150 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com